Electronic Components Datasheet Search
  English  ▼

X  

IS93C66A Datasheet(PDF) 9 Page - Integrated Silicon Solution, Inc

Part # IS93C66A
Description  2K-BIT/4K-BIT SERIAL ELECTRICALLY ERASABLE PROM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS93C66A Datasheet(HTML) 9 Page - Integrated Silicon Solution, Inc

Back Button IS93C66A Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS93C66A Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS93C66A Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS93C66A Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS93C66A Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS93C66A Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS93C66A Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS93C66A Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS93C66A Datasheet HTML 13Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
9
Rev. A
05/02/06
IS93C56A
IS93C66A
ISSI®
AC WAVEFORMS
FIGURE 2. SYNCHRONOUS DATA TIMING
FIGURE 3. READ CYCLE TIMING
DIN
DOUT
CS
tCS
0
Dm
D0
11
0
An
A0
*Address Pointer Cycles to the Next Register
*
Notes:
To determine address bits An-A0 and data bits Dm-Do, see Instruction Set for the specific device.
tSKH
T
tCSS
tSKL
tCSH
CS
SK
DIN
DOUT
(READ)
DOUT
(WRITE)
(WRALL)
(ERASE)
(ERAL)
STATUS VALID
tDIS
tDIH
tPD0
tSV
tPD1
tDF
tDF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com