Electronic Components Datasheet Search
  English  ▼

X  

74F1763 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74F1763
Description  Intelligent DRAM controller IDC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F1763 Datasheet(HTML) 2 Page - NXP Semiconductors

  74F1763 Datasheet HTML 1Page - NXP Semiconductors 74F1763 Datasheet HTML 2Page - NXP Semiconductors 74F1763 Datasheet HTML 3Page - NXP Semiconductors 74F1763 Datasheet HTML 4Page - NXP Semiconductors 74F1763 Datasheet HTML 5Page - NXP Semiconductors 74F1763 Datasheet HTML 6Page - NXP Semiconductors 74F1763 Datasheet HTML 7Page - NXP Semiconductors 74F1763 Datasheet HTML 8Page - NXP Semiconductors 74F1763 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Philips Semiconductors
Product specification
74F1763
Intelligent DRAM controller (IDC)
2
1999 Jan 08
853–1406 20619
FEATURES
• DRAM signal timing generator
• Automatic refresh circuitry
• Selectable row address hold and RAS precharge times
• Facilitates page mode accesses
• Controls 1 MBit DRAMs
• Intelligent burst-mode refresh after page-mode access cycles
PRODUCT DESCRIPTION
The Philips Semiconductors Intelligent Dynamic RAM Controller is a
1 MBit, single-port version of the 74F1764 Dual Port Dynamic RAM
Controller. It contains automatic signal timing, address multiplexing
and refresh control required for interfacing with dynamic RAMs.
Additional features have been added to this device to take
advantage of technological advances in Dynamic RAMs. A
Page-Mode access pin allows the user to assert RAS for the entire
access cycle rather than the pre-defined four-clock-cycle pulse width
used for normal random access cycles. In addition, the user has the
ability to select the RAS precharge time and Row-Address Hold time
to fit the particular DRAMs being used. DTACK has been modified
from previous family parts to become a negative true, tri-stated
output. The options for latched or unlatched address are contained
on a single device by the addition of an Address Latch Enable (ALE)
input. Finally, a burst refresh monitor has been added to ensure
complete refreshing after length page-mode access cycles. With a
maximum clock frequency of 100 MHz, the F1763 is capable of
controlling DRAM arrays with access times down to 40 nsec.
TYPE
fMAX
TYPICAL SUPPLY CURRENT
(TOTAL)
74F1763
100 MHz
150 mA
ORDERING INFORMATION
PACKAGES
COMMERCIAL RANGE
VCC = 5V "10%;
TA = 0_C TO 70_C
PKG DWG #
48-pin Plastic DIP
N74F1763N
SOT240-1
INPUT AND OUTPUT LOADING FAN-OUT TABLENO TAG
PINS
DESCRIPTION
74F (U.L.) HIGH/LOW
LOAD VALUE HIGH/LOW
REQ
DRAM Request Input
1.0/1.0
20
mA/0.6 mA
CP
Clock Input
1.0/1.0
20
mA/0.6 mA
PAGE
Page Mode Select Input
1.0/1.0
20
mA/0.6 mA
PRECHRG
RAS Precharge Select Input
1.0/1.0
20
mA/0.6 mA
HLDROW
Row Hold Select Input
1.0/1.0
20
mA/0.6 mA
DTACK
Data Transfer Ack. Output
50/80
35 mA/60 mA
GNT
Access Grant Output
50/80
35 mA/60 mA
RCP
Refresh Clock Input
1.0/1.0
20
mA/0.6 mA
RA0–9
Row Address Inputs
1.0/1.0
20
mA/0.6 mA
CA0–9
Column Address Inputs
1.0/1.0
20
mA/0.6 mA
ALE
Address Latch Enable Input
1.0/1.0
20
mA/0.6 mA
RAS
Row Address Strobe Output
NA
35 mA/60 mA
CAS
Column Address Strobe Output
NA
35 mA/60 mA
MA0–9
DRAM Address Outputs
NA
35 mA/60 mA
NOTES:
One (1.0) FAST Unit Load is defined as 20
mA in the HIGH state and 0.6 mA in the LOW state.
FAST Unit Loads do not correspond to DRAM Input Loads. See Functional Description for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com