Electronic Components Datasheet Search
  English  ▼

X  

74F189A Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74F189A
Description  64-bit TTL bipolar RAM, inverting 3-State
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F189A Datasheet(HTML) 2 Page - NXP Semiconductors

  74F189A Datasheet HTML 1Page - NXP Semiconductors 74F189A Datasheet HTML 2Page - NXP Semiconductors 74F189A Datasheet HTML 3Page - NXP Semiconductors 74F189A Datasheet HTML 4Page - NXP Semiconductors 74F189A Datasheet HTML 5Page - NXP Semiconductors 74F189A Datasheet HTML 6Page - NXP Semiconductors 74F189A Datasheet HTML 7Page - NXP Semiconductors 74F189A Datasheet HTML 8Page - NXP Semiconductors 74F189A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product specification
74F189A
64-bit TTL bipolar RAM, inverting (3-State)
2
1990 Feb 23
853–1309 98908
FEATURES
• High speed performance
• Replaces 74F189
• Address access time: 8ns max vs 28ns for 74F189
• Power dissipation: 4.3mW/bit
• Schottky clamp TTL
• One chip enable
• Inverting outputs (for non-inverting outputs see 74F219A)
• 3-State outputs
• 74F189A in 150 mil wide SO is preferred options for new designs
DESCRIPTION
The 74F189A is a high speed, 64-bit RAM organized as a 16-word
by 4-bit array. Address inputs are buffered to minimize loading and
are fully decoded on chip. The outputs are in high impedance state
whenever the chip enable (CE) is high. The outputs are active only
in the READ mode (WE = high) and the output data is the
complement of the stored data.
TYPE
TYPICAL
ACCESS
TIME
TYPICAL
SUPPLY
CURRENT
( TOTAL)
74F189A
5.0ns
55mA
ORDERING INFORMATION
ORDER CODE
DESCRIPTION
COMMERCIAL RANGE
DRAWING NUMBER
VCC = 5V ±10%, Tamb = 0°C to +70°C
16-pin plastic Dual In-line Package
N74F189AN
SOT38-4
16-pin plastic Small Outline (150mil)
N74F189AD
SOT109-1
INPUT AND OUTPUT LOADING AND FAN OUT TABLE
PINS
DESCRIPTION
74F (U.L.)
HIGH/LOW
LOAD VALUE
HIGH/LOW
D0 – D3
Data inputs
1.0/1.0
20
µA/0.6mA
A0 – A3
Address inputs
1.0/1.0
20
µA/0.6mA
CE
Chip enable input (active low)
1.0/2.0
20
µA/1.2mA
WE
Write enable input (active low)
1.0/2.0
20
µA/1.2mA
Q0 – Q3
Data outputs
150/40
3mA/24mA
NOTE: One (1.0) FAST unit load is defined as: 20
µA in the high state and 0.6mA in the low state.
PIN CONFIGURATION
16
15
14
13
12
11
10
7
6
5
4
3
2
1
D0
D3
D2
Q2
Q3
A1
A2
A0
CE
Q1
WE
D1
GND
9
8
Q0
VCC
A3
SF00299
LOGIC SYMBOL
D0
D2 D3
D1
Q0 Q1 Q2 Q3
57
9
11
610 12
VCC = pin 16
GND = pin 8
4
A0
A1
A2
A3
CE
WE
1
15
14
13
2
3
SF00300



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com