Electronic Components Datasheet Search
  English  ▼

X  

MP7782 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # MP7782
Description  Mono Bridged Audio Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MP7782 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  MP7782 Datasheet HTML 1Page - List of Unclassifed Manufacturers MP7782 Datasheet HTML 2Page - List of Unclassifed Manufacturers MP7782 Datasheet HTML 3Page - List of Unclassifed Manufacturers MP7782 Datasheet HTML 4Page - List of Unclassifed Manufacturers MP7782 Datasheet HTML 5Page - List of Unclassifed Manufacturers MP7782 Datasheet HTML 6Page - List of Unclassifed Manufacturers MP7782 Datasheet HTML 7Page - List of Unclassifed Manufacturers MP7782 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
MP7782 – 50W CLASS D MONO BRIDGED AUDIO AMPLIFIER
NOTICE: The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
MP7782 Rev. 1.2
www.MonolithicPower.com
8
8/3/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
TM
PACKAGE INFORMATION
TSSOP20F (EXPOSED PAD)
NOTE:
1) Control dimension is in inches. Dimension in bracket is millimeters.
SEE DETAIL "A"
SEE DETAIL "B"
0.004(0.090)
0.008(0.200)
0.007(0.190)
0.010(0.250)
0.004(0.090)
0.006(0.160)
0.075(0.190)
0.012(0.300)
DETAIL "B"
0.047(1.200)
max
0.007(0.190)
0.012(0.300)
0.032(0.800)
0.041(1.050)
0.002(0.050)
0.006(0.150)
0.252 (6.400)
0.260 (6.600)
SEATING PLANE
0.039(1.000)REF
0.010(0.250)
0.018(0.450)
0.030(0.750)
0o-8o
DETAIL "A"
GATE PLANE
0.004(0.090)
0.004(0.090)
0.0256(0.650)TYP
PIN 1
IDENT.
0.169
0.177
(4.300)
(4.500)
0.244
0.260
(6.200)
(6.600)
0.030(0.750)
0.030(0.750)
0.105 (2.67)
0.118 (3.00)
pad width
0.150 (3.80)
0.165 (4.19)
pad length



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com