Electronic Components Datasheet Search
  English  ▼

X  

1SS357 Datasheet(PDF) 1 Page - Weitron Technology

Part # 1SS357
Description  Surface Mount Schottky Barrier Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

1SS357 Datasheet(HTML) 1 Page - Weitron Technology

  1SS357 Datasheet HTML 1Page - Weitron Technology 1SS357 Datasheet HTML 2Page - Weitron Technology 1SS357 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1SS357
Surface Mount Schottky Barrier Diode
SOD-323 Outline Dimensions
Features:
* Low Forward Voltage : VF = 0.28(Typ.) @ IF = 1mA
* Low Reverse Current : IR = 5µA(Max.)
* Small outline Surface mount SOD-323 Package
Mechanical Data:
* Terminals : Solderable Per MIL-STD-202 Method 208
* Polarity : See Equivalent Circuit Diagram.
* Weight : 0.004 grams(approx)
Unit:mm
SCHOTTKY BARRIER
100m AMPERES
40 VOLTS
SOD-323
MILLMETERS
Min
Dim
Max
1
2
http://www.weitron.com.tw
WEITRON
1/3
13-Sep-05
Lead(Pb)-Free
P b


Similar Part No. - 1SS357

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS357 TOSHIBA-1SS357 Datasheet
100Kb / 2P
DIODE (LOW VOLTAGE HIGH SPEED SWITCHING)
18-Aug-1997
logo
TRANSYS Electronics Lim...
1SS357 TEL-1SS357 Datasheet
82Kb / 1P
SCHOTTKY DIODES
logo
Toshiba Semiconductor
1SS357 TOSHIBA-1SS357 Datasheet
282Kb / 3P
Low Voltage High Speed Switching
01-Nov-2007
logo
Galaxy Semi-Conductor H...
1SS357 BILIN-1SS357 Datasheet
148Kb / 2P
Surface mounting schottky Diode
Rev.A
logo
Guangdong Kexin Industr...
1SS357 KEXIN-1SS357 Datasheet
32Kb / 1P
LOW VOLTAGE HIGH SPEED SWITCHING
More results

Similar Description - 1SS357

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N5711WS DIODES-1N5711WS Datasheet
64Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS31033 Rev. 12 - 2
BAS70W DIODES-BAS70W Datasheet
53Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30113 Rev. A-2
logo
Won-Top Electronics
BAS40WS WTE-BAS40WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717 WTE-MMBD717 Datasheet
44Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717WS WTE-MMBD717WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS0520 WTE-SS0520_06 Datasheet
51Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
GTM CORPORATION
GD420SD GTM-GD420SD Datasheet
161Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD421SD GTM-GD421SD Datasheet
170Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GDBAS40 GTM-GDBAS40 Datasheet
168Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com