Electronic Components Datasheet Search
  English  ▼

X  

74F191 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74F191
Description  Up/down binary counter with reset and ripple clock
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F191 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74F191 Datasheet HTML 5Page - NXP Semiconductors 74F191 Datasheet HTML 6Page - NXP Semiconductors 74F191 Datasheet HTML 7Page - NXP Semiconductors 74F191 Datasheet HTML 8Page - NXP Semiconductors 74F191 Datasheet HTML 9Page - NXP Semiconductors 74F191 Datasheet HTML 10Page - NXP Semiconductors 74F191 Datasheet HTML 11Page - NXP Semiconductors 74F191 Datasheet HTML 12Page - NXP Semiconductors 74F191 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Philips Semiconductors
Product specification
74F191
Up/Down binary counter with reset and ripple clock
1995 Jul 17
9
AC WAVEFORMS
NOTE: For all waveforms, VM = 1.5V
VM
tPLH
tPHL
VM
VM
VM
CP
RC, Qn, TC
1/fMAX
tW(H)
tW(L)
SF00734
Waveform 1. Propagation Delay, Clock Input to Output,
Clock Pulse Width, and Maximum Clock Frequency.
VM
VM
VM
VM
tPHL
tPLH
Dn
RC, TC, Qn
SF00736
Waveform 3. Propagation Delay, Non-Inverting Path
VM
VM
VM
tW(L)
tREC
VM
TC, Qn
CP
PL
VM
RC, Qn
tPLH
SF00738
tPHL
Waveform 5. Parallel Load Pulse Width, Parallel Load to Output
Delay and Parallel Load to Clock Recovery Time
tPLH
CE, CP
U/D
RC
VM
VM
VM
VM
SF00735
tPHL
Waveform 2. Propagation Delay, Clock, Clock Enable or
Up/Down to Ripple Clock Output
VM
VM
VM
VM
tPHL
tPLH
U/D, Dn
RC, TC
SF00737
Waveform 4. Propagation Delay, Inverting Path
The shaded areas indicate when the input is permitted
to change for predictable output performance.
VM
VM
PL
tS(H)
th(H)
tS(L)
th(L)
VM
CP
SF00739
VM
VM
CE,
Dn
U/D
Waveform 6. Data Set Up and Hold Times



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com