Electronic Components Datasheet Search
  English  ▼

X  

N74F189AD Datasheet(PDF) 4 Page - NXP Semiconductors

Part # N74F189AD
Description  64-bit TTL bipolar RAM, inverting 3-State
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

N74F189AD Datasheet(HTML) 4 Page - NXP Semiconductors

  N74F189AD Datasheet HTML 1Page - NXP Semiconductors N74F189AD Datasheet HTML 2Page - NXP Semiconductors N74F189AD Datasheet HTML 3Page - NXP Semiconductors N74F189AD Datasheet HTML 4Page - NXP Semiconductors N74F189AD Datasheet HTML 5Page - NXP Semiconductors N74F189AD Datasheet HTML 6Page - NXP Semiconductors N74F189AD Datasheet HTML 7Page - NXP Semiconductors N74F189AD Datasheet HTML 8Page - NXP Semiconductors N74F189AD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Philips Semiconductors
Product specification
74F189A
64-bit TTL bipolar RAM, inverting (3-State)
1990 Feb 23
4
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
LIMITS
UNIT
SYMBOL
PARAMETER
MIN
NOM
MAX
TA = –40 to +85°C
VCC
Supply voltage
4.5
5.0
5.5
V
VIH
High–level input voltage
2.0
V
VIL
Low–level input voltage
0.8
V
IIk
Input clamp current
–18
mA
IOH
High–level output current
–3
mA
IOL
Low–level output current
24
mA
Tamb
Operating free air temperature range
0
+70
°C
DC ELECTRICAL CHARACTERISTICS
(Over recommended operating free-air temperature range unless otherwise noted.)
SYMBOL
PARAMETER
TEST CONDITIONS1
LIMITS
UNIT
MIN
TYP2
MAX
VOH
High-level output voltage
VCC = MIN, VIL = MAX
±10%V
CC
2.4
V
VIH = MIN, IOH = MAX
±5%V
CC
2.7
3.4
V
VOL
Low-level output voltage
VCC = MIN, VIL = MAX
±10%V
CC
0.35
0.50
V
VIH = MIN, IOL = MAX
±5%V
CC
0.35
0.50
V
VIK
Input clamp voltage
VCC = MIN, II = IIK
-0.73
-1.2
V
II
Input current at maximum input voltage
VCC = MAX, VI = 7.0V
100
µA
IIH
High–level input current
VCC = MAX, VI = 2.7V
20
µA
IIL
Low–level input current
others
VCC = MAX, VI = 0.5V
-0.6
mA
CE, WE
-1.2
mA
IOZH
Offset output current,
high–level voltage applied
VCC = MAX, VI = 2.7V
50
µA
IOZL
Offset output current,
low–level voltage applied
VCC = MAX, VI = 0.5V
–50
µA
IOS
Short-circuit output current3
VCC = MAX
-60
-150
mA
ICC
Supply current (total)
VCC = MAX, CE = WE = GND
55
80
mA
CIN
Input capacitance
VCC = 5V, VIN = 2.0V
4
pF
COUT
Output capacitance
VCC = 5V, VOUT = 2.0V
7
pF
NOTES:
1. For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions for the applicable type.
2. All typical values are at VCC = 5V, Tamb = 25°C.
3. Not more than one output should be shorted at a time. For testing IOS, the use of high-speed test apparatus and/or sample-and-hold
techniques are preferable in order to minimize internal heating and more accurately reflect operational values. Otherwise, prolonged shorting
of a high output may raise the chip temperature well above normal and thereby cause invalid readings in other parameter tests. In any
sequence of parameter tests, IOS tests should be performed last.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com