Electronic Components Datasheet Search
  English  ▼

X  

BAS16W Datasheet(PDF) 2 Page - Weitron Technology

Part # BAS16W
Description  Surface Mount Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

BAS16W Datasheet(HTML) 2 Page - Weitron Technology

  BAS16W Datasheet HTML 1Page - Weitron Technology BAS16W Datasheet HTML 2Page - Weitron Technology BAS16W Datasheet HTML 3Page - Weitron Technology BAS16W Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
WEITRON
Maximum Ratings (EACH DIODE)
Characteristic
Reverse Voltage
Forward Current
Peak Forward Surge Current
Symbol
VR
Unit
Volts
Thermal Characteristics
Characteristic
Symbol
Total Device Dissipation FR-5
Board *1, TA=25 C
Derate Above 25 C
Total Device Dissipation
Alumina Substrate*2 TA=25 C
Derate Above 25 C
PD
PD
Max
Unit
BAS16W / BAV70W
BAW56W / BAV99W
Unit
BAS16W BAV70W BAW56W BAV99W
75
70
200
215
500
mAdc
mAdc
IF
IFM
Thermal Resistance Junction to Ambient
Thermal Resistance Junction to Ambient
Junction and Storage Temperature
R JA
TJ, Tstg
200
1.6
625
300
2.4
417
-55 to + 150
mW
mW/ C
mW
mW/ C
C/W
C/W
C
*1 ER-5=1.0x0.75x0.062 in
*2 Alumina=0.4x0.3x0.024 in 99.5% Alumina
Electrical Characteristics (TA=25 C Unless Otherwise Note) (Each Diode)
Characteristic
Symbol
Min
Max
Off Characteristics
µAdc
Reverse Breakdown Voltage BAS16W
µAdc
(IBR=100
) BAV70W/BAW56W/BAV99W
Reverse Voltage Leakage Current
VR=75V
VR=70V
VR=25V, TJ=150 C
VR=25V, TJ=150 C
VR=75V, TJ=150 C
VR=70V, TJ=150 C
VR=70V, TJ=150 C
BAS16W
BAV70W/BAW56W/BAV99W
BAS16W/BAW56W/BAV99W
BAV70W
BAS16W
BAW56W/BAV99W
BAV70W
VBR
IR
75
70
Vdc
1.0
2.5
30.0
60.0
50.0
50.0
100.0
http://www.weitron.com.tw
q
R JA
q



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com