Electronic Components Datasheet Search
  English  ▼

X  

BAS20 Datasheet(PDF) 2 Page - Weitron Technology

Part # BAS20
Description  Surface Mount Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

BAS20 Datasheet(HTML) 2 Page - Weitron Technology

  BAS20 Datasheet HTML 1Page - Weitron Technology BAS20 Datasheet HTML 2Page - Weitron Technology BAS20 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
WEITRON
WE IT R ON
Maximum Ratings (TA=25 C Unless otherwise noted)
Electrical Characteristics (TA=25 C Unless otherwise noted)
Characteristic
Symbol
Forward Voltage
Total Capacitance
(VR=1.0V, f=1.0MHz)
Reverse Leakage
@Rated DC Blocking Voltage
IR
Cj
VF
Max
Unit
Volts
PF
nAdc
http://www.weitron.com.tw
BAS19/BAS20
BAS21
IF
IF
=100mA
=200mA
1.0
1.25
-
-
-
5.0
100
50
Min
Reverse Recovery Time
IF R
=I =30mA
Irr=0.1*IR,RL=100Ω
trr
nS
NOTE:
1. Valid provided that terminals are kept at ambient temperature.
BAS19
BAS20
BAS21
Non-Repetitive
Non-Repetitive
Peak Reverse Voltage
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
Forward Continuous Current(1)
(1)
(1)
Average Rectified Output Current
Peak Forward Surge Current
@t=1.0us
@t=1.0s
Power Dissipation
Thermal Resistance Junction to
Ambient Air
Operating and Storage
Temperature Range
VRRM
VRM
VR
VRWM
IFM
Io
IFSM
Pd
R JA
θ
Tj ,TSTG
120
100
200
150
250
200
400
200
2.5
0.5
250
500
-65 to +150
Volts
Volts
mA
mA
A
mW
K/W
C
Characteristic
Symbol
Unit



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com