Electronic Components Datasheet Search
  English  ▼

X  

BAS40W Datasheet(PDF) 2 Page - Weitron Technology

Part # BAS40W
Description  Surface Mount Schottky Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

BAS40W Datasheet(HTML) 2 Page - Weitron Technology

  BAS40W Datasheet HTML 1Page - Weitron Technology BAS40W Datasheet HTML 2Page - Weitron Technology BAS40W Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Maximum Ratings (TA=25°C Unless otherwise noted)
Characteristic
Symbol
VRRM
VRRM
IFM
VR
Pd
Value
Unit
40
200
200
-55 to + 150
Electrical Characteristics (TA=25 C Unless otherwise noted)
Characteristic
Symbol
Reverse Breakdown Voltage
IR=10µA
Forward Voltage
IF=1mA
IF=40mA
Total Capacitance
(VR=0V, f=1.0MHz)
Reverse Current
VR=30V
V(BR)R
VF
CT
IR
Min
Max
Unit
40
0.38
1.00
5.0
0.2
V
V
PF
µA
Reverse Recover Time
IF=IR =10mA, Irr=0.1 x IR, RL=100Ω
Trr
5.0
nS
Device Marking
Item
Marking
Eqivalent Circuit diagram
1
3
1
2
3
1
2
3
BAS40W
BAS40W-05
BASW40-06
BAS40W-04
43h
45
46
44
1
2
3
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
Forward Continuous Current
Power Dissipation
Storage Temperature Range
TSTG
V
mA
mW
°C
WEITRON
http://www.weitron.com.tw
2/3
05-Sep-05
BAS40W/-04/-05/-06



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com