Electronic Components Datasheet Search
  English  ▼

X  

US3AC Datasheet(PDF) 1 Page - DAESAN ELECTRONIC CORP.

Part # US3AC
Description  ULTRAFAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

US3AC Datasheet(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  US3AC Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. US3AC Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US3AC THRU US3MC
Features
· Low profile package
· Ideal for automated placement
· Glass passivated chip junction
· Ultrafast reverse recovery time
· Low switching losses, high efficiency
· High forward surge capability
· High temperature soldering:
260℃/10 seconds at termianls
· Component in accordance to
RoHS 2002/95/1 and WEEE 2002/96/EC
Maximum Ratings and Electrical Characteristics
CURRENT 3.0 A
VOLTAGE 50 to 1000 V
Mechanical Data
· Case : JEDEC DO-214AB molded plastic
body over glass passivated chip
· Terminals : Solder plated, solderable per
JESD22-B102D
· Polarity : Laser band denotes cathode end
(Ratings at 25℃ ambient temperature unless otherwise specified, Single phase, half wave 60Hz, resistive or inductive
load. For capacitive load, derate by 20%)
Dimensions in inches and (millimeters)
ULTRAFAST RECOVERY RECTIFIER
https://dec.co.kr
DAESAN ELECTRONIC CORP.
DO-214AB(SMC)
0.008(0.203)
MAX.
0.114(2.90)
0.126(3.20)
0.220(5.59)
0.245(6.22)
0.260(6.60)
0.280(7.11)
0.006(0.152)
0.012(0.305)
0.305(7.75)
0.320(8.13)
0.030(0.76)
0.060(1.52)
0.081(2.06)
0.103(2.62)
Maximum recurrent peak reverse voltage
Reverse current
VR=VDC
Typical junction capacitance (Measured at
1.0MHz and applied reverse voltage of 4.0V)
Maximum average forward rectified current
Peak forward surge current 8.3ms single
half sine-wave superimposed on rated load
Instantaneous forward voltage at 3.0A (1)
VRRM
VRMS
Symbols
Units
VDC
IF(AV)
5
50
20
Items
CJ
RθJL
35
IFSM
A
A
V
Maximum RMS voltage
Maximum DC blocking voltage
US3AC
50
70
100
140
200
280
400
420
600
560
800
50
100
200
400
600
800
700
1000
1000
V
V
100
3.0
Maximum reverse recovery time (2)
TRR
IR
TJ=25℃
TJ=125℃
US3BC US3DC US3GC US3JC US3KC US3MC
50
TJ,TSTG
Operating junction and storage
temperature range
Typical thermal resistance (3)
-55 to +150
℃
℃/W
1.3
1.0
1.7
75
μA
ns
pF
30
VF
Notes:
(1) Mounted on P.C.B with 0.32 x 0.32” (8.0 x 8.0mm) copper pad areas.
(2) Test conditions : IF=0.5A, IR=1.0A Irr=0.25A
(3) Pulse test : 300μs pulse width, 1% duty cycle.
V


Similar Part No. - US3AC

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
US3AC PACELEADER-US3AC Datasheet
147Kb / 2P
SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
logo
SUNMATE electronic Co.,...
US3AC SUNMATE-US3AC Datasheet
397Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
logo
Jiangsu High diode Semi...
US3AC HDSEMI-US3AC Datasheet
1,008Kb / 4P
SMC Plastic-Encapsulate Diodes
logo
Shanghai Yint Electroni...
US3AC YINT-US3AC Datasheet
470Kb / 3P
SURFACE MOUNT ULTRAFAST RECOVERY RECTIFIER
logo
Microdiode Semiconducto...
US3AC CHENDA-US3AC Datasheet
1Mb / 3P
SURFACE MOUNT ULTRA FAST RECTIFIER
More results

Similar Description - US3AC

ManufacturerPart #DatasheetDescription
logo
Sensitron
SS6620 SENSITRON-SS6620 Datasheet
57Kb / 3P
Ultrafast Recovery Rectifier
logo
Solid States Devices, I...
RC0138B SSDI-RC0138B_15 Datasheet
74Kb / 2P
ULTRAFAST RECOVERY RECTIFIER
logo
Inchange Semiconductor ...
MUR1540 ISC-MUR1540 Datasheet
85Kb / 2P
Ultrafast Recovery Rectifier
DPG10I300PA ISC-DPG10I300PA Datasheet
293Kb / 2P
Ultrafast Recovery Rectifier
MUR8100D ISC-MUR8100D Datasheet
302Kb / 2P
Ultrafast Recovery Rectifier
logo
Rectron Semiconductor
MUR1680C RECTRON-MUR1680C Datasheet
124Kb / 5P
ULTRAFAST RECOVERY RECTIFIER
logo
Inchange Semiconductor ...
STTH60L06C ISC-STTH60L06C Datasheet
277Kb / 2P
Ultrafast Recovery Rectifier
STTH8L06FP ISC-STTH8L06FP Datasheet
280Kb / 2P
Ultrafast Recovery Rectifier
RFVS8TJ6S ISC-RFVS8TJ6S Datasheet
279Kb / 2P
Ultrafast Recovery Rectifier
logo
DAESAN ELECTRONIC CORP.
UF4001G DAESAN-UF4001G Datasheet
128Kb / 2P
ULTRAFAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com