Electronic Components Datasheet Search
  English  ▼

X  

US5AC Datasheet(PDF) 1 Page - DAESAN ELECTRONIC CORP.

Part # US5AC
Description  ULTRAFAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

US5AC Datasheet(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  US5AC Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. US5AC Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US5AC THRU US5MC
Features
· Low profile package
· Ideal for automated placement
· Glass passivated chip junction
· Ultrafast reverse recovery time
· Low switching losses, high efficiency
· High forward surge capability
· High temperature soldering:
260℃/10 seconds at terminals
Maximum Ratings and Electrical Characteristics
CURRENT 5.0 A
VOLTAGE 50 to 1000 V
Maximum recurrent peak reverse voltage
Reverse current
VR=VDC
Typical junction capacitance (Measured at
1.0MHz and applied reverse voltage of 4.0V)
Maximum average forward rectified current
Peak forward surge current 8.3ms single
half sine-wave superimposed on rated load
Instantaneous forward voltage at 5.0A (1)
VRRM
VRMS
Symbols
Units
VDC
IF(AV)
5
100
20
Mechanical Data
· Case : JEDEC DO-214AB molded plastic
over glass passivated chip
· Terminals : Solder plated, solderable per
J-STD-002B and JESD22-B102D
· Polarity : Laser band denotes cathode end
· Weight : 0.007 ounce, 0.25 gram
Items
CJ
RθJL
(Ratings at 25℃ ambient temperature unless otherwise specified, Single phase, half wave 60Hz, resistive or inductive
load. For capacitive load, derate by 20%)
35
IFSM
A
A
V
Dimensions in inches and (millimeters)
ULTRAFAST RECOVERY RECTIFIER
Maximum RMS voltage
Maximum DC blocking voltage
US5AC
50
70
100
140
200
280
400
420
600
560
800
50
100
200
400
600
800
700
1000
1000
V
V
150
5.0
Maximum reverse recovery time (2)
TRR
IR
TJ=25℃
TJ=100℃
US5BC US5DC US5GC US5JC US5KC US5MC
50
TJ,TSTG
Operating junction and storage
temperature range
Typical thermal resistance (3)
-55 to +150
℃
℃/W
1.3
1.0
1.7
75
μA
ns
pF
20
VF
Notes:
(1) Mounted on P.C.B with 0.28 x 0.28” (7.0 x 7.0mm) copper pad areas.
(2) Test conditions : IF=0.5A, IR=1.0A Irr=0.25A
(3) Pulse test : 300μs pulse width, 1% duty cycle.
https://dec.co.kr
DAESAN ELECTRONIC CORP.
V
DO-214AB(SMC)
0.008(0.203)
MAX.
0.114(2.90)
0.126(3.20)
0.220(5.59)
0.245(6.22)
0.260(6.60)
0.280(7.11)
0.006(0.152)
0.012(0.305)
0.305(7.75)
0.320(8.13)
0.030(0.76)
0.060(1.52)
0.081(2.06)
0.103(2.62)


Similar Part No. - US5AC

ManufacturerPart #DatasheetDescription
logo
Diode Semiconductor Kor...
US5AC DSK-US5AC Datasheet
146Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
SUNMATE electronic Co.,...
US5AC SUNMATE-US5AC Datasheet
539Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
logo
Galaxy Semi-Conductor H...
US5AC BILIN-US5AC Datasheet
233Kb / 3P
SURFACE MOUNT RECTIFIERS
logo
Jiangsu High diode Semi...
US5AC HDSEMI-US5AC Datasheet
1,015Kb / 4P
SMC Plastic-Encapsulate Diodes
logo
Shanghai Yint Electroni...
US5AC YINT-US5AC Datasheet
552Kb / 3P
SURFACE MOUNT ULTRAFAST RECOVERY RECTIFIER
More results

Similar Description - US5AC

ManufacturerPart #DatasheetDescription
logo
Sensitron
SS6620 SENSITRON-SS6620 Datasheet
57Kb / 3P
Ultrafast Recovery Rectifier
logo
Solid States Devices, I...
RC0138B SSDI-RC0138B_15 Datasheet
74Kb / 2P
ULTRAFAST RECOVERY RECTIFIER
logo
Inchange Semiconductor ...
MUR1540 ISC-MUR1540 Datasheet
85Kb / 2P
Ultrafast Recovery Rectifier
DPG10I300PA ISC-DPG10I300PA Datasheet
293Kb / 2P
Ultrafast Recovery Rectifier
MUR8100D ISC-MUR8100D Datasheet
302Kb / 2P
Ultrafast Recovery Rectifier
logo
Rectron Semiconductor
MUR1680C RECTRON-MUR1680C Datasheet
124Kb / 5P
ULTRAFAST RECOVERY RECTIFIER
logo
Inchange Semiconductor ...
STTH60L06C ISC-STTH60L06C Datasheet
277Kb / 2P
Ultrafast Recovery Rectifier
STTH8L06FP ISC-STTH8L06FP Datasheet
280Kb / 2P
Ultrafast Recovery Rectifier
RFVS8TJ6S ISC-RFVS8TJ6S Datasheet
279Kb / 2P
Ultrafast Recovery Rectifier
logo
DAESAN ELECTRONIC CORP.
UF4001G DAESAN-UF4001G Datasheet
128Kb / 2P
ULTRAFAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com