Electronic Components Datasheet Search
  English  ▼

X  

MIC33M650YMP Datasheet(PDF) 10 Page - Microchip Technology

Part # MIC33M650YMP
Description  6A, Pin Strapping Power Module with HyperLight Load® Mode and Output Voltage Select
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC33M650YMP Datasheet(HTML) 10 Page - Microchip Technology

Back Button MIC33M650YMP Datasheet HTML 6Page - Microchip Technology MIC33M650YMP Datasheet HTML 7Page - Microchip Technology MIC33M650YMP Datasheet HTML 8Page - Microchip Technology MIC33M650YMP Datasheet HTML 9Page - Microchip Technology MIC33M650YMP Datasheet HTML 10Page - Microchip Technology MIC33M650YMP Datasheet HTML 11Page - Microchip Technology MIC33M650YMP Datasheet HTML 12Page - Microchip Technology MIC33M650YMP Datasheet HTML 13Page - Microchip Technology MIC33M650YMP Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
MIC33M650
DS20006253A-page 10
 2019 Microchip Technology Inc.
Note: Unless otherwise indicated, SVIN =PVIN =5V; VOUT =1V; COUT =2 x47µF; TA =+25°C.
FIGURE 2-7:
Efficiency vs. Load Current.
FIGURE 2-8:
DCM/FPWM IOUT Threshold
vs. VIN.
FIGURE 2-9:
Line Regulation: Output
Voltage Variation vs. Input Voltage.
FIGURE 2-10:
Load Regulation: Output
Voltage Variation vs. IOUT.
FIGURE 2-11:
Switching Frequency vs.
Output Current.
FIGURE 2-12:
Switching Frequency vs.
Input Voltage.
0.00
10.00
20.00
30.00
40.00
50.00
60.00
70.00
80.00
90.00
100.00
0.0001
0.001
0.01
0.1
1
10
I
OUT (A)
V
OUT = 3.3V
V
IN = 4.0V
V
IN = 5.5V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
2.5
3.5
4.5
VIN (V)
VOUT = 1V
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.1
2.4
3.4
4.4
5.4
V
IN (V)
I
OUT = 300 mA
V
OUT = 0.6V
V
OUT = 1.0V
0
0.05
0.1
0.15
0.2
0.25
0.3
024
6
I
OUT (A)
V
IN = 5.0V
V
OUT = 0.6V
V
OUT = 1.0V
V
OUT = 2.5V
V
OUT = 3.3V
0.6
1.1
1.6
024
6
I
OUT (A)
V
IN = 5.0V
V
OUT = 0.6V
V
OUT = 1.0V
V
OUT = 3.3V
0.6
1.1
1.6
2.5
3.5
4.5
5.5
V
IN (V)
I
OUT = 2.0A
V
OUT = 0.6V
V
OUT = 1.0V
V
OUT = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com