Electronic Components Datasheet Search
  English  ▼

X  

BAT54CDW Datasheet(PDF) 2 Page - Weitron Technology

Part # BAT54CDW
Description  Surface Mount Schottky Barrier Diodes Arrays
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

BAT54CDW Datasheet(HTML) 2 Page - Weitron Technology

  BAT54CDW Datasheet HTML 1Page - Weitron Technology BAT54CDW Datasheet HTML 2Page - Weitron Technology BAT54CDW Datasheet HTML 3Page - Weitron Technology BAT54CDW Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
WEITRON
BAT54TDW/BAT54CDW
BAT54ADW/BAT54SDW
Maximum Ratings (TA=25 C Unless otherwise noted)
Characteristic
Average Rectifier
Forward Current
Peak Repetitive
Forward Current
Rated VR, Square Wave,20KHz
Operating Junction
Temperature Range
Storage Temperature Range
Symbol
IF(AV)
IFRM
VRRM
VRMW
VR
IFSM
TJ
Tstg
Value
Unit
200
300
-55 to +125
-55 to +150
mA
mA
mA
C
C
C/W
Electrical Characteristics (TA=25 C Unless otherwise noted)
Characteristic
Symbol
Reverse Breakdown Voltage (IR=10µA)
Forward Voltage
IF=0.1mA
IF=1.0mA
IF=10mA
IF=30mA
IF=100mA
Total Capacitance
(VR=1.0V, f=1.0MHz)
Reverse Leakage
VR=25V
Reverse Recover Time
IF=IR =10mA, IR(Rec)=1.0mA
V(BR)R
VF
CT
IR
Trr
Min
Typ
Max
Unit
30
0.22
0.29
0.35
0.41
0.52
0.24
0.32
0.40
0.50
1.00
7.6
0.5
10
2.0
5.0
Volts
Volts
PF
uAdc
nS
http://www.weitron.com.tw
Non-Repetitive
Forward Current(t 1.0s)
600
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
30
V
Power Dissipation
Pd
200
mw
Thermal Resistance, Junction to
Ambient Air
R JA
625
WEITRON
2/4
29-Jul-05



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com