Electronic Components Datasheet Search
  English  ▼

X  

BAT54SW Datasheet(PDF) 3 Page - Weitron Technology

Part # BAT54SW
Description  Surface Mount Schottky Barrier Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

BAT54SW Datasheet(HTML) 3 Page - Weitron Technology

  BAT54SW Datasheet HTML 1Page - Weitron Technology BAT54SW Datasheet HTML 2Page - Weitron Technology BAT54SW Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
FIG.1 Recovery Time Equivalent Test Circuit
WEITRON
BAT54W/BAT54CW
BAT54AW/BAT54SW
0
5
10
15
20
25
30
14
12
10
8
6
4
2
0
VR,REVERSE VOLTAGE (V)
FIG.4 Toral Capacitance
http://www.weitron.com.tw
VR,REVERSE VOLTAGE (V)
FIG.3 Leakage Current
0
5
10
15
20
25
30
1000
100
10
1.0
0.1
0.01
0.001
TA=150 C
TA=125 C
TA=85 C
TA=25 C
0.0
0.1
0.2
0.3
0.4
0.5
0.6
100
10
1.0
0.1
150 C
25 C
-40 C
-55 C
85 C
125 C
VF, FORWARD VOLTAGE (V)
FIG.2 Forward Voltage
+10V
820 Ω
Ω
Ω
Ω
2.0K
100 µH
0.1µF
50 OUTPUT
PULSE
GENERATOR
50 INPUT
SAMPLING
OSCILLOSCOPE
IF
D.U.T.
0.1µF
VR
INPUT SIGNAL
tr
tp
10%
90%
t
IF
IR
trr
t
IR(REC)=1.0mA
OUTPUT PULSE
(IF=IR=10mA, MEASURED
AT IR(REC)=1.0mA
Notes:1. A 2.0 k variable resistor for a Forward Current (IF) 0f 10 mA
2. Input pules is adjusted so IR(peak) is equal to 10 mA
3. tp trr
»
WEITRON
3/3
29-Jul-05



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com