Electronic Components Datasheet Search
  English  ▼

X  

AP7348 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP7348
Description  4 CHANNEL 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7348 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP7348 Datasheet HTML 1Page - Diodes Incorporated AP7348 Datasheet HTML 2Page - Diodes Incorporated AP7348 Datasheet HTML 3Page - Diodes Incorporated AP7348 Datasheet HTML 4Page - Diodes Incorporated AP7348 Datasheet HTML 5Page - Diodes Incorporated AP7348 Datasheet HTML 6Page - Diodes Incorporated AP7348 Datasheet HTML 7Page - Diodes Incorporated AP7348 Datasheet HTML 8Page - Diodes Incorporated AP7348 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
AP7348
Document number: DS42124 Rev. 3 - 2
1 of 15
www.diodes.com
August 2020
© Diodes Incorporated
AP7348
4 CHANNEL 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
Description
The AP7348 is a 4 channel low dropout regulator with high output
voltage accuracy, low RDS(ON), high PSRR, low output noise and low
quiescent current. This regulator is based on a CMOS process.
The AP7348 includes two voltage references, and four channels with
each having an error amplifier, foldback current limiting, a discharge
circuit and an independent resistor network to determine the fixed
output voltage. The over temperature sensing is for each channel with
all 4 channel being disabled during a temperature fault condition. The
device has two enable inputs with EN1 controlling both VOUT1 and
VOUT3 leaving VOUT2 and VOUT4 to be controlled by EN2. During
disable the two associated channels will discharge.
With its low power consumption and line and load transient response,
the AP7348 is well suited for low power handheld communication
equipment.
The AP7348 is provided in the X1-DFN1612-8 (Type B) package
allowing for a small footprint and a dense PCB layout.
Features
Low VDD and Wide VDD Range: 1.7V to 5.25V
Each Channel Output Current: 300mA
VOUT Accuracy ±1%
Ripple Rejection 75dB at 1kHz
Low Output Noise, 60µVrms from 10Hz to 100kHz
Total 4 Channel Quiescent Current is Typically 160µA
VOUT Fixed 1.2V to 3.6V
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
For automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/200, PPAP
capable, and manufactured in IATF 16949 certified facilities),
please contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/
Pin Assignments
Applications
Smart Phone/Tablet
WIFI Access Points
Communication Module
Camera Module, Appliances
RF Supply for IOT/LPWAN
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-free/ for more information about
Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
X1-DFN1612-8 (Type B)
(Top View)


Similar Part No. - AP7348

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7340 DIODES-AP7340 Datasheet
974Kb / 15P
150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
Rev 2
AP7340-12FS4-7 DIODES-AP7340-12FS4-7 Datasheet
974Kb / 15P
150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
Rev 2
AP7340-15FS4-7 DIODES-AP7340-15FS4-7 Datasheet
974Kb / 15P
150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
Rev 2
AP7340-185FS4-7 DIODES-AP7340-185FS4-7 Datasheet
974Kb / 15P
150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
Rev 2
AP7340-18FS4-7 DIODES-AP7340-18FS4-7 Datasheet
974Kb / 15P
150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
Rev 2
More results

Similar Description - AP7348

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP7917 EUTECH-EUP7917 Datasheet
277Kb / 12P
300mA, High PSRR Low-Noise LDO
logo
Diodes Incorporated
AP7340 DIODES-AP7340 Datasheet
974Kb / 15P
150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
Rev 2
logo
Cystech Electonics Corp...
LM1101N5 CYSTEKEC-LM1101N5 Datasheet
744Kb / 10P
300mA High PSRR Low Noise LDO
logo
Diodes Incorporated
AP7341 DIODES-AP7341 Datasheet
1Mb / 14P
300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
Rev 4
AP7343 DIODES-AP7343 Datasheet
1Mb / 16P
300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
Rev 2
AP7344 DIODES-AP7344 Datasheet
920Kb / 15P
DUAL 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
Rev 1
logo
Fitipower Integrated Te...
FP6146 FITIPOWER-FP6146 Datasheet
885Kb / 17P
300mA Low Noise High PSRR LDO with Shutdown
logo
Diodes Incorporated
AP7330 DIODES-AP7330 Datasheet
1Mb / 13P
300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
February 2018
AP7343Q DIODES-AP7343Q Datasheet
1Mb / 16P
AUTOMOTIVE COMPLIANT 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
April 2022
AP7345D DIODES-AP7345D Datasheet
1Mb / 15P
DUAL 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
December 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com