Electronic Components Datasheet Search
  English  ▼

X  

L6732TR Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6732TR
Description  Adjustable step-down controller with synchronous rectification
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6732TR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6732TR Datasheet HTML 3Page - STMicroelectronics L6732TR Datasheet HTML 4Page - STMicroelectronics L6732TR Datasheet HTML 5Page - STMicroelectronics L6732TR Datasheet HTML 6Page - STMicroelectronics L6732TR Datasheet HTML 7Page - STMicroelectronics L6732TR Datasheet HTML 8Page - STMicroelectronics L6732TR Datasheet HTML 9Page - STMicroelectronics L6732TR Datasheet HTML 10Page - STMicroelectronics L6732TR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
L6732
Pin connections and functions
7/33
3
Pin connections and functions
Figure 2.
Pins connection ( Top view)
Table 3.
Pin functions
Pin n.
Name
Function
1
PGOOD
This pin is an open collector output and it is pulled low if the output voltage is not
within the specified thresholds (90%-110%). If not used it may be left floating. Pull-up
this pin to VCCDR with a 10K resistor to obtain a logical signal.
2
SYNCH
It is a Master-Slave pin. Two or more devices can be synchronized by simply
connecting the SYNCH pins together. The device operating with the highest FSW will
be the Master. The Slave devices will operate with 180° phase shift from the Master.
The best way to synchronize devices together is to set their FSW at the same value. If
it is not used the SYNCH pin can be left floating.
3
SGND
All the internal references are referred to this pin.
4
FB
This pin is connected to the error amplifier inverting input. Connect it to VOUT through
the compensation network. This pin is also used to sense the output voltage in order
to manage the over voltage conditions and the PGood signal.
5
COMP
This pin is connected to the error amplifier output and is used to compensate the
voltage control feedback loop.
6
SS/INH
The soft-start time is programmed connecting an external capacitor from this pin and
GND. The internal current generator forces a current of 10 A through the capacitor.
When the voltage at this pin is lower than 0.5V the device is disabled.
1
2
3
4
5
6
11
12
HTSSOP16
13
14
15
16
SGND
EAREF
FB
PGOOD
SYNCH
COMP
VCC
LGATE
PHASE
SS/INH
PGND
7
10
VCCDR
BOOT
HGATE
8
9
OCL
OCH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com