Electronic Components Datasheet Search
  English  ▼

X  

74F2245 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74F2245
Description  Octal transceiver with 30ohm equivalent output termination 3-State
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F2245 Datasheet(HTML) 2 Page - NXP Semiconductors

  74F2245 Datasheet HTML 1Page - NXP Semiconductors 74F2245 Datasheet HTML 2Page - NXP Semiconductors 74F2245 Datasheet HTML 3Page - NXP Semiconductors 74F2245 Datasheet HTML 4Page - NXP Semiconductors 74F2245 Datasheet HTML 5Page - NXP Semiconductors 74F2245 Datasheet HTML 6Page - NXP Semiconductors 74F2245 Datasheet HTML 7Page - NXP Semiconductors 74F2245 Datasheet HTML 8Page - NXP Semiconductors 74F2245 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product specification
74F2245
Octal transceiver with 30
W equivalent output termination
(3-State)
2
1996 May 10
853-1833 16802
FEATURES
• Octal bidirectional bus interface
• 30 Ohm output termination for driving DRAM
• Outputs are placed in high impedance state during power-off
conditions
• SSOP Type II package
DESCRIPTION
The 74F2245 is an octal transceiver featuring non-inverting 3-State
bus compatible outputs in both transmit and receive directions. The
device features an Output Enable (OE) input for easy cascading and
Transmit/Receive (T/R) input for direction control. The 3-State
outputs, B0-B7, have been designed to prevent output bus loading if
the power is removed from the device.
The 30 Ohm series termination on the outputs reduces
over/undershoot making them ideal for driving DRAM.
PIN CONFIGURATION
SF00198
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
T/R
A0
A1
A2
A3
A4
A5
A6
A7
GND
VCC
OE
B0
B1
B2
B3
B4
B6
B5
B7
TYPE
TYPICAL PROPAGATION DELAY
TYPICAL SUPPLY CURRENT (TOTAL)
74F2245
4.0ns
70mA
ORDERING INFORMATION
DESCRIPTION
COMMERCIAL RANGE
VCC = 5V ±10%, Tamb = 0°C to +70°C
DRAWING NUMBER
20-Pin Plastic DIP
N74F2245N
SOT146-1
20-Pin Plastic SOL
N74F2245D
SOT163-1
20-Pin Plastic SSOP
N74F2245DB
SOT339-1
INPUT AND OUTPUT LOADING AND FAN-OUT TABLE
PINS
DESCRIPTION
74F (U.L.) HIGH/LOW
LOAD VALUE HIGH/LOW
A0-A7, B0-B7
Data inputs
3.5/1.0
70
µA/0.6mA
OE
Output Enable input (active Low)
1.0/2.0
20
µA/1.2mA
T/R
Transmit/Receive input
1.0/2.0
20
µA/1.2mA
A0-A7
A port outputs
150/8
3.0mA/5mA*
B0-B7
B port outputs
150/8
3.0mA/5mA*
NOTE: One (1.0) FAST unit load is defined as: 20
µA in the High state and 0.6mA in the Low state.
*
12mA with reduced noise margin



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com