Electronic Components Datasheet Search
  English  ▼

X  

TSMF1000 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TSMF1000
Description  High Speed Infrared Emitting Diode, RoHS-Compliant, 890 nm, Surface Emitter Technology
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSMF1000 Datasheet(HTML) 2 Page - Vishay Siliconix

  TSMF1000 Datasheet HTML 1Page - Vishay Siliconix TSMF1000 Datasheet HTML 2Page - Vishay Siliconix TSMF1000 Datasheet HTML 3Page - Vishay Siliconix TSMF1000 Datasheet HTML 4Page - Vishay Siliconix TSMF1000 Datasheet HTML 5Page - Vishay Siliconix TSMF1000 Datasheet HTML 6Page - Vishay Siliconix TSMF1000 Datasheet HTML 7Page - Vishay Siliconix TSMF1000 Datasheet HTML 8Page - Vishay Siliconix TSMF1000 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TSMF1000, TSMF1020, TSMF1030
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 22-Oct-2021
2
Document Number: 81061
For technical questions, contact: emittertechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 1 - Power Dissipation vs. Ambient Temperature
Fig. 2 - Forward Current vs. Ambient Temperature
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage
VR
5V
Forward current
IF
100
mA
Peak forward current
tp/T = 0.5, tp
= 100 μs
IFM
200
mA
Surge forward current
tp = 100 μs
IFSM
1A
Power dissipation
PV
190
mW
Junction temperature
Tj
100
°C
Ambient temperature range
Tamb
-40 to +85
°C
Storage temperature range
Tstg
-40 to +100
°C
Soldering temperature
t
≤ 5 s
Tsd
260
°C
Thermal resistance junction to ambient
JESD51
RthJA
250
K/W
0
20
40
60
80
100
120
140
160
180
200
220
0
102030405060708090 100
T
A - Ambient Temperature (°C)
R
thJA = 250 K/W
10
100
1000
10000
Axis Title
10
100
1000
10000
Axis Title
0
10
20
30
40
50
60
70
80
90
100
110
120
0
102030405060708090 100
T
A - Ambient Temperature (°C)
R
thJA = 250 K/W
BASIC CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Forward voltage
IF = 20 mA
VF
-1.3
1.5
V
IF = 100 mA, tp = 100 μs
VF
-1.5
-
V
IF = 1 A, tp = 100 μs
VF
-2.6
-
V
Temperature coefficient of VF
IF = 20 mA
TKVF
--1.4
-
mV/K
Reverse current
IR
Not designed for reverse operation
μA
Junction capacitance
VR = 0 V, f = 1 MHz, E = 0
Cj
-56-
pF
Radiant intensity
IF = 20 mA
Ie
15
27
40
mW/sr
IF = 100 mA, tp = 100 μs
Ie
-
155
-
mW/sr
Radiant power
IF = 20 mA, tp = 20 ms
φe
-10-
mW
Temperature coefficient of
φe
IF = 20 mA
TK
φe
-
-0.3
-
%/K
Angle of half intensity
ϕ
-± 11
-
°
Peak wavelength
IF = 20 mA
λp
-
890
-
nm
Spectral bandwidth
IF = 20 mA
Δλ
-35-
nm
Temperature coefficient of
λp
IF = 20 mA
TK
λp
-0.3
-
nm/K
Rise time
IF = 20 mA
tr
-15-
ns
Fall time
IF = 20 mA
tf
-15-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com