Electronic Components Datasheet Search
  English  ▼

X  

74F240 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74F240
Description  Octal inverter buffer 3-State
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F240 Datasheet(HTML) 2 Page - NXP Semiconductors

  74F240 Datasheet HTML 1Page - NXP Semiconductors 74F240 Datasheet HTML 2Page - NXP Semiconductors 74F240 Datasheet HTML 3Page - NXP Semiconductors 74F240 Datasheet HTML 4Page - NXP Semiconductors 74F240 Datasheet HTML 5Page - NXP Semiconductors 74F240 Datasheet HTML 6Page - NXP Semiconductors 74F240 Datasheet HTML 7Page - NXP Semiconductors 74F240 Datasheet HTML 8Page - NXP Semiconductors 74F240 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Product specification
74F240/74F240A/
74F241/74F241A
Buffers
2
January 2, 1991
853–0355 01345
FEATURES
• Octal bus interface
• 3-State buffer outputs sink 64mA
• 15mA source current
• Guaranteed output skew less than 2.0ns
(74F240A/74F241A)
• Reduced ground bounce (74F240A/74F241A)
• Reduced I
CC (74F241A only)
• Reduced loading (74F240A I
IL = 100µA,
74F241A IIL = 40µA)
DESCRIPTION
The 74F240 and 74F241 are octal buffers that are ideal for
driving bus lines of buffer memory address registers. The
outputs are all capable of sinking 64mA and sourcing up to
15mA. The device features two output enables, each
controlling four of the 3–state outputs.
The 74F240A and 74F241A are functionally equivalent to
their non–A counterparts. They have been designed to
reduce effects of ground noise. Other advantages are noted
in the features.
TYPE
TYPICAL PROPAGATION DELAY
TYPICAL SUPPLY CURRENT (TOTAL)
74F240
4.3ns
37mA
74F240A
3.8ns
40mA
74F241
5.0ns
53mA
74F241A
4.5ns
32mA
ORDERING INFORMATION
ORDER CODE
DESCRIPTION
COMMERCIAL RANGE
VCC = 5V ±10%, Tamb = 0°C to +70°C
PKG DWG #
20–pin plastic DIP
N74F240N, N74F240AN, N74F241N, N74F241AN
SOT146-1
20–pin plastic SOL
N74F240D, N74F240AD, N74F241D, N74F241AD
SOT163-1
20-pin plastic SSOP II
N74F240DB
SOT339-1
INPUT AND OUTPUT LOADING AND FAN OUT TABLE
PINS
DESCRIPTION
74F (U.L.)
HIGH/LOW
LOAD VALUE
HIGH/LOW
Data inputs (74F240)
1.0/1.67
20
µA/1.0mA
Ian, Ibn
Data inputs (74F240A)
1.0/0.167
20
µA/100µA
Data inputs (74F241)
1.0/2.67
20
µA/1.6mA
Data inputs (74F241A)
1.0/0.067
20
µA/40µA
OEa, OEb
Output enable inputs (active low) (74F240)
1.0/0.33
20
µA/0.2mA
Output enable inputs (active low) (74F240A)
1.0/0.167
20
µA/100µA
OEa, OEb
Output enable input (74F241)
1.0/1.67
20
µA/1.0mA
Output enable input (74F241A)
1.0/0.067
20
µA/40µA
Yan, Ybn
Data outputs (74F241, 74F241A)
750/106.7
15mA/64mA
Yan, Ybn
Data outputs (74F240, 74F240A)
750/106.7
15mA/64mA
Note to input and output loading and fan out table
One (1.0) FAST unit load is defined as: 20
µA in the high state and 0.6mA in the low state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com