Electronic Components Datasheet Search
  English  ▼

X  

74F240A Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74F240A
Description  Octal inverter buffer 3-State
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F240A Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74F240A Datasheet HTML 4Page - NXP Semiconductors 74F240A Datasheet HTML 5Page - NXP Semiconductors 74F240A Datasheet HTML 6Page - NXP Semiconductors 74F240A Datasheet HTML 7Page - NXP Semiconductors 74F240A Datasheet HTML 8Page - NXP Semiconductors 74F240A Datasheet HTML 9Page - NXP Semiconductors 74F240A Datasheet HTML 10Page - NXP Semiconductors 74F240A Datasheet HTML 11Page - NXP Semiconductors 74F240A Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Philips Semiconductors
Product specification
74F240/74F240A/
74F241/74F241A
Buffers
January 2, 1991
8
VM
VM
VM
tPHZ
tPZH
VOH -0.3V
0V
Yn, Yn
OEn
OEb
SF00330
Waveform 3. 3-state output enable time to high level
and output disable time from high level
VM
VM
VM
tPLZ
tPZL
VOL +0.3V
3.5V
OEn
OEb
Yn, Yn
SF00331
Waveform 4. 3-state output enable time to low level and output
disable time from low level
VM
VM
tsk(0)
Yn, Yn
Yn, Yn
SF00332
Waveform 5. Output skew
Notes to AC waveforms
1. For all waveforms, VM = 1.5V.
2. The shaded areas indicate when the input is permitted to change
for predictable output performance.
TEST CIRCUIT AND WAVEFORMS
tw
90%
VM
10%
90%
VM
10%
90%
VM
10%
90%
VM
10%
NEGATIVE
PULSE
POSITIVE
PULSE
tw
AMP (V)
0V
0V
tTHL (tf )
INPUT PULSE REQUIREMENTS
rep. rate
tw
tTLH
tTHL
1MHz
500ns
2.5ns
2.5ns
Input Pulse Definition
VCC
family
74F
D.U.T.
PULSE
GENERATOR
RL
CL
RT
VIN
VOUT
Test Circuit for Open Collector Outputs
DEFINITIONS:
RL = Load resistor;
see AC electrical characteristics for value.
CL = Load capacitance includes jig and probe capacitance;
see AC electrical characteristics for value.
RT = Termination resistance should be equal to ZOUT of
pulse generators.
tTHL (tf )
tTLH (tr )
tTLH (tr )
AMP (V)
amplitude
3.0V
1.5V
VM
RL
7.0V
SF00128
TEST
SWITCH
tPLZ
closed
tPZL
closed
All other
open
SWITCH POSITION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com