Electronic Components Datasheet Search
  English  ▼

X  

AP22953 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP22953
Description  SWITCH FOR VBUS LINE WITH OVERVOLTAGE, SURGE, AND ESD PROTECTION
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22953 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP22953 Datasheet HTML 1Page - Diodes Incorporated AP22953 Datasheet HTML 2Page - Diodes Incorporated AP22953 Datasheet HTML 3Page - Diodes Incorporated AP22953 Datasheet HTML 4Page - Diodes Incorporated AP22953 Datasheet HTML 5Page - Diodes Incorporated AP22953 Datasheet HTML 6Page - Diodes Incorporated AP22953 Datasheet HTML 7Page - Diodes Incorporated AP22953 Datasheet HTML 8Page - Diodes Incorporated AP22953 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AP22953
Document number: DS42795 Rev. 1 - 2
2 of 12
www.diodes.com
January 2022
© Diodes Incorporated
AP22953
Typical Applications Circuit
AP22953
CIN
1uF
VBUS_CON
VBUS_SYS
GND
#ACK
#EN
CLOAD
2.2uF
4.3k
VCC
GPIO
GPIO
VBUS
VOUT
To System
D-
D+
I2C/GPIO
CC Logic
& Controller
BAT
Li-ion
Uni-Directional ESD
Protection Device
VBUS
D-
D+
CC1
CC2
GND
PMIC/Charger
Pin Descriptions
Pin
Name
Pin Number
I/O
Function
VBUS_CON
B3, C2, C3
I/O
Supply voltage from USB connector VBUS pin. Bypass VBUS_CON with a 1μF ceramic
capacitor as close as possible to the device.
VBUS_SYS
A2, A3, B2
I/O
Internal supply voltage rail to PMIC VBUS plane. Bypass VBUS_SYS with a 2.2μF ceramic
capacitor as close as possible to the device.
#ACK
B1
O
Open-Drain Acknowledge pin.
#EN
C1
I
Enable Active-Low Input. Drive #EN low to enable the switch. Drive #EN high to disable the
switch.
GND
A1, A4, B4, C4
Ground
Device ground. Connect to PCB ground plane



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com