Electronic Components Datasheet Search
  English  ▼

X  

AP74700Q Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AP74700Q
Description  ±65V REVERSE VOLTAGE PROTECTION AUTOMOTIVE-COMPLIANT IDEAL DIODE CONTROLLER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP74700Q Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AP74700Q Datasheet HTML 9Page - Diodes Incorporated AP74700Q Datasheet HTML 10Page - Diodes Incorporated AP74700Q Datasheet HTML 11Page - Diodes Incorporated AP74700Q Datasheet HTML 12Page - Diodes Incorporated AP74700Q Datasheet HTML 13Page - Diodes Incorporated AP74700Q Datasheet HTML 14Page - Diodes Incorporated AP74700Q Datasheet HTML 15Page - Diodes Incorporated AP74700Q Datasheet HTML 16Page - Diodes Incorporated AP74700Q Datasheet HTML 17Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
AP74700Q
Document number: DS45004 Rev. 3 - 2
13 of 21
www.diodes.com
July 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
AP74700Q
Application Information (continued)
DIODES™ DMT6007LFGQ MOSFET is selected to meet this 12V reverse battery protection design requirements and it is rated at:
60V VDS(MAX) and ±20V VGS(MAX)
RDS(ON) 6.5mΩ typical and 8.5mΩ maximum rated at 4.5V VGS
MOSFET VTH: 2V maximum
Thermal resistance of the MOSFET should be considered against the expected maximum power dissipation in the MOSFET to ensure that the
junction temperature (TJ) is well controlled.
Charge Pump C_CP and CIN/COUT
Minimum required capacitance for charge pump VCP and input/output capacitance are:
C_CP: Minimum 0.1μF is required; recommended value of VCP (μF) ≥ 10 x CISS (MOSFET) (μF)
CIN: Minimum 22nF of input capacitance
COUT: Minimum 1
μF of output capacitance.
TVS Selection for 12V Battery Protection Application
TVS diodes are used in automotive systems for protection against transients. In the 12V battery protection application circuit shown below, a
bidirectional TVS diode is used to protect the system from positive and negative transient voltages that occur during normal operation of the car
and these transient voltage levels and pulses are specified in ISO 7637-2 and ISO 16750-2 standards.
There are two important specifications, breakdown voltage and clamping voltage of the TVS. Breakdown voltage is the voltage at which the TVS
diode goes into avalanche similar to a Zener diode and is specified at a low current value typical 1mA, and the breakdown voltage should be
higher than worst case steady state voltages seen in the system. The breakdown voltage of the TVS+ should be higher than 24V jump start
voltage and 35V suppressed load dump voltage and less than the maximum ratings of AP74700Q (65V). The breakdown voltage of TVS- should
be beyond maximum reverse battery voltage -16V, so that the TVS- is not damaged due to long time exposure to reverse connected battery.
Clamping voltage is the voltage the TVS diode clamps in high current pulse situations and this voltage is much higher than the breakdown voltage.
TVS diodes are meant to clamp transient pulses and should not interfere with steady state operation. In the case of ISO 7637-2 Pulse 1, the input
voltage goes up to -150V with a genera
tor impedance of 10Ω. This translates to 15A flowing through the TVS- and the voltage across the TVS
would be close to its clamping voltage.
AP74700Q
ANODE
GATE
CATHODE
VCP
EN
GND
Voltage
Regulator
(DC/DC, LDO)
TVS
DIODES
SMBJ33CA
Q1,
DMT6007LFG Q
CIN,
22 nF
COUT,
47 uF
C_CP,
0.1 uF
12 V
BATTERY
The next criterion is that the absolute maximum rating of ANODE to CATHODE reverse voltage of the AP74700Q (-75V) and the maximum VDS
rating MOSFET are not exceeded. In the design example, 60V rated MOSFET is chosen and maximum limit on the CATHODE to ANODE voltage
is 60V. In case of ISO 7637-2 Pulse 1, the ANODE of AP74700Q is pulled down by the ISO pulse and clamped by TVS-. The MOSFET is turned
off quickly to prevent reverse current from discharging the bulk output capacitors. When the MOSFET turns off, the CATHODE to ANODE voltage
seen is equal to (TVS clamping voltage + output capacitor voltage). If the maximum voltage on output capacitor is 16V (maximum battery voltage),
then the clamping voltage of the TVS- should not exceed, (60V
– 16V) = -44V.
The SMBJ33CAQ TVS diode can be used for 12V battery protection application. The breakdown voltage of 36.7V meets the jump start, load dump
requirements on the positive side and 16V reverse battery connection on the negative side. During ISO 7637-2 Pulse 1 test, the SMBJ33CAQ
clamps at -44V with 15A of peak surge current as shown below and it meets the clamping voltage
≤ 44V. SMBJ series of TVS' are rated up to
600W peak pulse power levels. This is sufficient for ISO 7637-2 Pulses and suppressed load dump (ISO-16750-2 Pulse B).
TVS
DIODES™
SMBJ33CAQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com