Electronic Components Datasheet Search
  English  ▼

X  

LL4448 Datasheet(PDF) 4 Page - Weitron Technology

Part # LL4448
Description  Surface Mount Switching Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

LL4448 Datasheet(HTML) 4 Page - Weitron Technology

  LL4448 Datasheet HTML 1Page - Weitron Technology LL4448 Datasheet HTML 2Page - Weitron Technology LL4448 Datasheet HTML 3Page - Weitron Technology LL4448 Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
WEITRON
http//www.weitron.com.tw
LL4148/LL4448
103
102
10
1
10-1
10-2 0
1
2V
TJ=100 C
TJ=25 C
V F
IF
mA
FIG 3, FORWARD CHARACTERISTICS
T A
Ptot
FIG 5, ADMISSIBLE POWER DISSIPATION
VERSUS AMBIENT TEMPERATURE
1000
900
800
700
600
500
400
300
200
100
0
0
100
200 C
mW
V R
FIG 6, RELATIVE CAPACITANCE VERSUS
VOLTAGE
0
2
4
6
8
1.1
1.0
0.9
0.8
0.7
Ctot(VR)
Ctot(DV)
IF
Ω
FIG 4, DYNAMIC FORWARD RESISTANCE
VERSUS FORWARD CURRENT
104
103
10
1
102
10-2
10-1
1
10
102
TJ=25 C
f=1KHz
mA
TJ=25 C
f=1MHz
V
1 0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com