Electronic Components Datasheet Search
  English  ▼

X  

THCV213 Datasheet(PDF) 1 Page - THine Electronics, Inc.

Part # THCV213
Description  LVDS SerDes transmitter and receiver
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCV213 Datasheet(HTML) 1 Page - THine Electronics, Inc.

  THCV213 Datasheet HTML 1Page - THine Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
THCV213 and THCV214 Rev.0.30
Preliminary
THine
1
Copyright 2004, THine Electronics Inc., All rights reserved
THCV213 and THCV214
LVDS SerDes transmitter and receiver
General Description
THCV213 and THCV214 is designed to support a pixel
data transmission between the Host and Display. The
chipset can transmit 18bit data and 4bit control data
through only a single differential cable at pixel clock
frequency from 5MHz to 40MHz.
By V-by-OneTM technologies, unique encoding scheme
and proprietary CDR technique, a link synchlonization
is achieved without any frequency reference such as
crystal oscillator. It drastically improves the cost and
size of the display system.
THCV213 transmitter converts the data into a single
LVDS serial data stream with embedded clock. It sup-
ports pre-emphasis mode for long cable transmission.
THCV214 receiver extracts the clock from the embed-
ded clock and transforms the serial data stream back
into the parallel data.
To confirm the reliability of link, several functions are
supported. THCV213 can transmit a INIT pattern to
establish a link if INIT sequence is required. THCV214
indicates the LOCK status.
Features
• Transmit 18bit data and 4bit control data through a
single differential cable
• Wide frequency range: 5MHz to 40MHz
• Support INIT pattern and LOCK indicator
• Pre Emphasis Mode
• Clock Edge Selectable
• Dual Display Mode
• Power Down Mode
• Low power single 3.3V CMOS design
• 48pin TQFP/QFN
Block Diagram
D[17:0]
CLKIN
EDGE
SYNC[2:0]
PRE[1:0]
TXOUT1+
TXOUT1-
THCV213
D[17:0]
SYNC[2:0]
RXIN+
RXIN-
PLL & CDR
PLL
CLKOUT
EDGE
LOCKN
THCV214
MOD[1:0]
INIT
PDWN
DE
OE
DE
PRBS
PDWN
TXOUT2+
TXOUT2-
DUAL


Similar Part No. - THCV213

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THCV213 THINE-THCV213 Datasheet
954Kb / 19P
LVDS SerDes transmitter and receiver
THCV213-1TTN THINE-THCV213-1TTN Datasheet
954Kb / 19P
LVDS SerDes transmitter and receiver
THCV213-5TTN THINE-THCV213-5TTN Datasheet
954Kb / 19P
LVDS SerDes transmitter and receiver
THCV213 THINE-THCV213_14 Datasheet
954Kb / 19P
LVDS SerDes transmitter and receiver
More results

Similar Description - THCV213

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS93 TI-SN65LVDS93 Datasheet
192Kb / 14P
LVDS SERDES TRANSMITTER
SN65LVDS94 TI-SN65LVDS94 Datasheet
190Kb / 14P
LVDS SERDES RECEIVER
SN65LVDS95 TI-SN65LVDS95 Datasheet
177Kb / 13P
LVDS SERDES TRANSMITTER
SN65LVDS96 TI-SN65LVDS96 Datasheet
188Kb / 14P
LVDS SERDES RECEIVER
SN65LVDS95-EP TI1-SN65LVDS95-EP Datasheet
364Kb / 15P
LVDS SERDES TRANSMITTER
SN65LVDS95-Q1 TI1-SN65LVDS95-Q1 Datasheet
223Kb / 14P
LVDS SERDES TRANSMITTER
SN65LVDS94DGGG4 TI-SN65LVDS94DGGG4 Datasheet
457Kb / 17P
LVDS SERDES RECEIVER
SN65LVDS95DGGR TI-SN65LVDS95DGGR Datasheet
454Kb / 18P
LVDS SERDES TRANSMITTER
SN65LVDS93 TI1-SN65LVDS93_15 Datasheet
838Kb / 19P
LVDS SERDES TRANSMITTER
logo
THine Electronics, Inc.
THCV213 THINE-THCV213_14 Datasheet
954Kb / 19P
LVDS SerDes transmitter and receiver
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com