Electronic Components Datasheet Search
  English  ▼

X  

GIPS1C2 Datasheet(PDF) 2 Page - Belden Inc.

Part # GIPS1C2
Description  Indoor semi-tight buffered patchcord LSZH jacket 2.0mm DX Zip MM OM1.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

GIPS1C2 Datasheet(HTML) 2 Page - Belden Inc.

  GIPS1C2 Datasheet HTML 1Page - Belden Inc. GIPS1C2 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Cable Max. Crush Resistance Installation (Short Term) IEC 60794-1-21-E3
5 kN/m
IEC 60794-2-10
Temperature Range
Operating Temperature Range:
-40 °C to +70 °C
Installation Temperature Range:
-15 °C to +50 °C
Storage Temperature Range:
-40 °C to +70 °C
Standards
UL Rating/Flame Test:
Non-UL Rated
IEC Flammability:
IEC 60332-1-2
IEC 60754-1 - Halogen Amount:
Zero
IEC 60754-2 - Halogen Acid Gas Amount - Max.
Conductivity:
10 µS/mm
IEC 60754-2 - Halogen Acid Gas Amount - Min.
pH:
4.3
IEC 61034-2 - Smoke Density Min. Transmittance:
60%
REACH:
Compliant
ISO/IEC Compliance:
IEC 60794
EU Directive 2011/65/EU (RoHS 2):
Compliant
UV/ Sunlight Protection:
Yes
Related Part Numbers
Variants
Item #
Color
Put-Up Type
Length
EAN
GIPS1C2.012100 Blue
Reel
2,100 m 8719605075147
GIPS1C2.002100 Orange Reel
2,100 m 8719605075130
History
Update and Revision:
Revision Number: 0.121 Revision Date: 01-19-2023
© 2023 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with all applicable environmental programs as listed in the data sheet. The information provided is correct to the best of Belden's knowledge, information and belief
at the date of its publication. This information is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. The Product
Disclosure is not to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and
regulations based on their individual usage of the product.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com