Electronic Components Datasheet Search
  English  ▼

X  

74F245 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74F245
Description  Octal transceiver 3-State
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F245 Datasheet(HTML) 4 Page - NXP Semiconductors

  74F245 Datasheet HTML 1Page - NXP Semiconductors 74F245 Datasheet HTML 2Page - NXP Semiconductors 74F245 Datasheet HTML 3Page - NXP Semiconductors 74F245 Datasheet HTML 4Page - NXP Semiconductors 74F245 Datasheet HTML 5Page - NXP Semiconductors 74F245 Datasheet HTML 6Page - NXP Semiconductors 74F245 Datasheet HTML 7Page - NXP Semiconductors 74F245 Datasheet HTML 8Page - NXP Semiconductors 74F245 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Philips Semiconductors
Product specification
74F245
Octal transceiver (3-State)
November 15, 1994
4
DC ELECTRICAL CHARACTERISTICS
(Over recommended operating free-air temperature range unless otherwise noted.)
SYMBOL
PARAMETER
TEST CONDITIONS1
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS1
MIN
TYP2
MAX
UNIT
A0 A7 B0 B7
IO = 3mA
±10% VCC
2.4
V
VO
High level output voltage
A0–A7, B0–B7
VCC = MIN,
VIL = MAX
IOH = –3mA
±5% VCC
2.7
3.4
V
VOH
High-level output voltage
B0 B7
VIL = MAX,
VIH = MIN
IO = 15mA
±10% VCC
2.0
V
B0–B7
IOH = –15mA
±5% VCC
2.0
V
A0 A7
VCC = MIN
IOL = 20mA
±10% VCC
0.30
0.50
V
VOL
Low-level output voltage
A0–A7
VCC = MIN,
VIL = MAX,
V
MIN
IOL = 24mA
±5% VCC
0.35
0.50
V
B0–B7
VIH = MIN
IOL = MAX
±10% VCC
0.55
V
VOL
Low-level output voltage
B0–B7
VCC = MIN,
VIL = MAX,
VIH = MIN
IOL = MAX
±5% VCC
0.42
0.55
V
VIK
Input clamp voltage
VCC = MIN, II = IIK
–0.73
–1.2
V
I
Input current at maximum
OE, T/R
VCC = 5.5V, VI = 7.0V
100
µA
II
input voltage
A0–A7, B0–B7
VCC = 5.5V, VI = 5.5V
1
mA
IIH
High-level input current
OE, T/R only
VCC = MAX, VI = 2.7V
20
µA
IIL
Low-level input current
OE, T/R only
VCC = MAX, VI = 0.5V
–1.2
mA
IIH+IOZH
Off-state output current
High level voltage applied
VCC = MAX, VO = 2.7V
70
µA
IIL+IOZL
Off-state output current
Low level voltage applied
VCC = MAX, VO = 0.5V
–600
µA
IOS
Short circuit output current3
A0–A7
VCC = MAX
–60
–150
mA
IOS
Short-circuit output current3
B0–B7
VCC = MAX
–100
–225
mA
ICCH
60
87
mA
ICC
Supply current (total)
ICCL
VCC = MAX
70
100
mA
ICCZ
75
110
mA
NOTES:
1. For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions for the applicable type.
2. All typical values are at VCC = 5V, Tamb = 25°C.
3. Not more than one output should be shorted at a time. For testing IOS, the use of high-speed test apparatus and/or sample-and-hold
techniques are preferable in order to minimize internal heating and more accurately reflect operational values. Otherwise, prolonged shorting
of a High output may raise the chip temperature well above normal and thereby cause invalid readings in other parameter tests. In any
sequence of parameter tests, IOS tests should be performed last.
AC ELECTRICAL CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
TEST
CONDITION
VCC = +5.0V
Tamb = +25°C
CL = 50pF, RL = 500Ω
VCC = +5.0V ± 10%
Tamb = 0°C to +70°C
CL = 50pF, RL = 500Ω
UNIT
MIN
TYP
MAX
MIN
MAX
tPLH
tPHL
Propagation delay
An to Bn, Bn to An
Waveform 1
2.5
2.5
3.5
4.0
6.0
6.0
2.5
2.5
7.0
7.0
ns
tPZH
tPZL
Output Enable time
to High or Low level
Waveform 2
Waveform 3
2.0
3.5
4.5
5.5
7.0
8.0
2.0
3.5
8.0
9.0
ns
tPHZ
tPLZ
Output Disable time
from High or Low level
Waveform 2
Waveform 3
2.5
1.0
5.0
3.5
6.5
6.0
2.0
1.0
7.5
7.0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com