Electronic Components Datasheet Search
  English  ▼

X  

DIGITAST Datasheet(PDF) 1 Page - C&K Components

Part # DIGITAST
Description  Microminiature SPDT, Key Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

DIGITAST Datasheet(HTML) 1 Page - C&K Components

  DIGITAST Datasheet HTML 1Page - C&K Components DIGITAST Datasheet HTML 2Page - C&K Components DIGITAST Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
D
D–25
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
DIGITAST
Microminiature SPDT, Key Switches
Series
SER Narrow button
SET Wide button
SERU Switch body
only (no button)
LED
NONE No LED
L
1 LED
2L
2 LED’s
Button Color**
None (SERU)
BK Black
GY Gray
WH White
RD Red
BU Blue
1st LED Color***
NONE No LED
RD
Red
YE
Yellow
GN
Green
A U
Function
EE Latching
OA Non-latching
Contact Material
AU Gold
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select
desired option from each category and place it in the appropriate box.
Some of the configurations may not be available
or could require some development.
Features/Benefits
• High reliability/long life
• Designed for low level
switching
• Ready to implement on PCB
• Latching function available
• Several button options
• RoHS compliant and compatible
Typical Applications
• Medical
• Instrumentation
• Industrial electronics
• Audio electronics
Electrical
SWITCHING POWER MAX.: 240 mW DC
SWITCHING VOLTAGE MAX.: 24 V DC
SWITCHING CURRENT MAX.: 10 mA DC
CARRYING CURRENT AT 20˚C (push-push version): 100 mA
DIELECTRIC STRENGTH (50 Hz, 1 min): 500 V
OPERATING LIFE with or without max. switching power
Momentary: ≥ 5 x 106 operations
Push-push: ≥ 5 x 105 operations
CONTACT RESISTANCE: Initial ≤ 50 mΩ
After 5 x 106 operations: ≤ 100 mΩ
INSULATION RESISTANCE: ≥ 1010 Ω
CAPACITANCE at f= 10 kHz: ≤ 0.8pF
BOUNCE TIME: ≤ 2.5 ms
Operating speed 400 mm/s (15.75/s)
Environmental
OPERATING TEMPERATURE: -25˚C to 85˚C.
Construction
FUNCTION: momentary or push-push
CONTACT ARRANGEMENT: 1 change over contact SPDT, NO
MODE OF SWITCHING: Non-shorting
DISTANCE BETWEEN BUTTON CENTERS:
HORIZONTAL MINIMUM: 12,7 (0.500) or 17,78 (0.700)
VERTICAL MINIMUM: 17,78 (0.700)
TERMINALS: PC pins
MOUNTING: Soldering, centering pins
Mechanical
TOTAL TRAVEL: ≤ 3 (.0018)
SWITCHING TRAVEL: 1,5 (0.0591)
LATCHING TRAVEL: 1,8 (0.0709)
OPERATING FORCE: 1.5 +/- 0.5 N (150 +/- 50 grams)
Process
SOLDERABILITY:
Wave soldering, compatible with lead free soldering profile
Hand soldering, 350˚C for 3 seconds
2nd LED Color***
NONE No LED
RD
Red
YE
Yellow
GN
Green
Button Style
SR Narrow
ST Wide
Button Color**
BK Black
GY Gray
WH White
RD Red
BU Blue
K
LED Spacing*
NONE Narrow LED Spacing
(TYP Europe)
7.62
Wide LED Spacing
(TYP No. America)
Body Color
NONE White (STD)
BRN Brown
LED Holes
NONE No LED holes
L
1 LED hole
2L
2 LED holes
Latching
None For use with momentary switch
EE
With “EE” staple for latching
* LED spacing only applies when 1 LED requested
** Additional button colors available by request
*** Additional LED colors available by request including Bi color configurations
Switch
Button
Reference
SER BK AU OA
Reference
SRK BK


Similar Part No. - DIGITAST

ManufacturerPart #DatasheetDescription
logo
Campbell Scientific Uni...
DIGITALCAMERAS CAMPBELL-DIGITALCAMERAS Datasheet
514Kb / 1P
Store site images in your datalogger
03/30/2020
More results

Similar Description - DIGITAST

ManufacturerPart #DatasheetDescription
logo
ITT Industries
8600 ITT-8600 Datasheet
194Kb / 3P
Microminiature Pushbutton Switches
SERAUEE ITT-SERAUEE Datasheet
235Kb / 3P
DIGITAST Microminiature SPDT, Key Switches
logo
C&K Components
8600 CK-COMPONENTS-8600 Datasheet
183Kb / 3P
Microminiature Pushbutton Switches
SRKLBKEE CK-COMPONENTS-SRKLBKEE Datasheet
203Kb / 3P
Microminiature SPDT, Key Switches
logo
List of Unclassifed Man...
MHSS1104 ETC2-MHSS1104 Datasheet
65Kb / 1P
Microminiature Slide Switches
MHSS1104 ETC2-MHSS1104 Datasheet
65Kb / 1P
Microminiature Slide Switches
MJS12 ETC2-MJS12 Datasheet
130Kb / 2P
Microminiature Slide Switches
MMS22R ETC2-MMS22R Datasheet
149Kb / 2P
Microminiature Slide Switches
logo
Copal Electronics
MRK COPAL-MRK Datasheet
1Mb / 8P
Key Switches
logo
C&K Components
8600 CK-COMPONENTS-8600_V01 Datasheet
305Kb / 3P
Microminiature Pushbutton Switches
2018
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com