Electronic Components Datasheet Search
  English  ▼

X  

EP Datasheet(PDF) 4 Page - C&K Components

Part # EP
Description  Sealed Tiny Pushbutton Switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

EP Datasheet(HTML) 4 Page - C&K Components

  EP Datasheet HTML 1Page - C&K Components EP Datasheet HTML 2Page - C&K Components EP Datasheet HTML 3Page - C&K Components EP Datasheet HTML 4Page - C&K Components EP Datasheet HTML 5Page - C&K Components EP Datasheet HTML 6Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
A-12
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ckswitches.com
A
EP Series
Sealed Tiny Pushbutton Switches
TERMINATIONS
PC MOUNTING
PC MOUNTING
EP11 Models:
omit hole 2.
.410 MAX
(10,41)
.320
(8,13)
EP11 Models:
omit pad 2.
PC MOUNTING
SA RIGHT ANGLE, SURFACE MOUNT
AV3 VERTICAL RIGHT ANGLE, SNAP-IN, PC THRU-HOLE
AV VERTICAL RIGHT ANGLE, THRU-HOLE
EP21SD1AVBE
DPST
EP12SD1AV3BE
SPST
EP12SD1SAPE
SPDT
NOTE: Terminal bend radii and lead-in manufacturing option.
Available with P contact material only.
Not Available on DPST models.
SA1 is only available with B and P contact materials.
Not Available on DPST models.
EP11 Models:
omit terminal 2.
SA1 RIGHT ANGLE, SURFACE MOUNT
EP12SD1SA1BE
SPDT
TERMINALS CONNECTED
2-12-3
ON
MOM
POS.1
POS.2
YY/WW
0.4VA MAX
(2,54)
.100
.051
(1,30)
.100
(2,54)
.041
(1,04)
.020 TYP
(0,51)
.320
(8,13)
(5,08)
.200
.276
(7,0)
.121
(3,07)
.160
(4,06)
.059
(1,50)
.400
(10,16)
.220
(5,60)
.181
(4,60)
.217
(5,51)
.234
(5,94)
.082 TYP.
(2,10)
.200
(5,08)
.032 TYP.
(0,80)
.272
(6,90)
.059
(1,50)
.071 TYP.
(1,80)
.313
(7,95)
EPOXY SEAL
RECOMMENDED
P.C. MOUNTING
SCHEMATIC
2 (COMM)
3 NO
NC 1
TERMINAL NOS.
FOR REF. ONLY
12 3
PC MOUNTING
Third Angle
Projection
5 Aug 20



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com