Electronic Components Datasheet Search
  English  ▼

X  

LC Datasheet(PDF) 1 Page - C&K Components

Part # LC
Description  Small Size Precision Snap-acting Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

LC Datasheet(HTML) 1 Page - C&K Components

  LC Datasheet HTML 1Page - C&K Components LC Datasheet HTML 2Page - C&K Components LC Datasheet HTML 3Page - C&K Components LC Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
J
J–36
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ckswitches.com
LC Series
Small Size Precision Snap-acting Switches
Features/Benefits
• Compact design
• Long life and high electrical capacity
• Quick connect, wire lead or PC mounting
• Wide variety of actuator styles
Typical Applications
• Motorized equipment
• Sump pump
• Thermostatic controls
Specifications
CONTACT RATING: From low level* to 10.1 AMPS @ 250 V AC.
ELECTRICAL LIFE: 100,000 cycles
INSULATION RESISTANCE: 1,000 M
ohm min.
DIELECTRIC STRENGTH: 1,000 Vrms min. @ sea level.
OPERATING TEMPERATURE: –17ºF to 185ºF (–25ºC to 85ºC).
OPERATING FORCE: From 142 to 170 grams at actuator button.
Forces are less at free end of lever actuators; (see OPERATING
FORCE and ACTUATOR option sections).
MOUNTING: 2-56 screws, torque 2.3 in/lbs max.
* Low Level=conditions where no arcing occurs during switching, i.e., 0.4 VA max. @
20 V AC or DC max.
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service center.
Materials
SWITCH HOUSING: Thermoplastic polyester or high temperature
thermoplastic (PTS) (UL 94V-0).
ACTUATOR BUTTON: Thermoplastic polyester (UL 94V-0).
SPRING: Copper alloy.
PIVOT: Copper alloy.
MOVABLE CONTACTS: Fine silver for ratings greater than 1 AMP
@ 125 V AC. Fine silver with 24K gold plate for 1 AMP @
125 V AC or less.
STATIONARY CONTACTS: Fine silver welded on copper alloy for
ratings greater than 1 AMP @ 125 V AC. Gold alloy welded
on copper alloy for ratings less than 1 AMP @ 125 V AC.
TERMINALS: Copper alloy.
TERMINAL SEAL: Epoxy.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. For additional options not shown in
catalog, consult Customer Service Center.
Series
LC SP, Mom.
Operating Force
GG 5 oz./142 grams
GD 3.3 oz./94 grams
GH 6 oz./170 grams
Electrical Rating
X1 UL 61058-1 (see chart)
V6 UL 61058-1 (see chart)
V7 UL 61058-1 (see chart)
F5 UL 1054 (see chart)
L9 UL 1054 (see chart)
M1 UL 1054 (see chart)
Actuator
P00 Pin plunger
A10 .28” lever roller, high force
A15 .51” lever roller, high force
A20 .39” lever roller, low force
A25 .61” lever roller, low force
T10 .29” lever, high force
T13 .22” simulated roller, high force
T15 .57” lever, high force
T20 .38” lever, low force
T23 .32” simulated roller, low force
T25 .67” lever, low force
Terminations
E Solder
H .110” quick connect
J Wire lead
L Left formed PC thru-hole
R Right formed PC thru-hole
S PC Thru-hole
Circuitry
C SPDT
W SPST N.C.
Y SPST N.O.
Electrical Life
NONE 6,000 operations
U* Extended 100,000 operations
L C
Seal
NONE (STD.) No seal
E Epoxy seal
* Extended operations only available on Electrical Rating options F5, L9 and M1
UL61058-1


Similar Description - LC

ManufacturerPart #DatasheetDescription
logo
ITT Industries
LF05A080L27QY ITT-LF05A080L27QY Datasheet
201Kb / 2P
Precision Snap-acting Reset Switches
LCGGF5P00EC ITT-LCGGF5P00EC Datasheet
273Kb / 4P
Subminiature Precision Snap-acting Switches
logo
C&K Components
LCGGF5P00ECUE CK-COMPONENTS-LCGGF5P00ECUE Datasheet
1Mb / 4P
Subminiature Precision Snap-acting Switches
MMGGD1P0C CK-COMPONENTS-MMGGD1P0C Datasheet
261Kb / 3P
Subminiature Precision Snap-acting Switches
ZMV CK-COMPONENTS-ZMV Datasheet
1Mb / 6P
Mini Size Snap-acting Switches
2021
LF CK-COMPONENTS-LF Datasheet
302Kb / 3P
Precision Snap-acting Reset Switches
MM CK-COMPONENTS-MM Datasheet
527Kb / 3P
Mini Size Precision Snap-acting Switches
24 Mar 21
MS CK-COMPONENTS-MS Datasheet
445Kb / 4P
Small Size Snap-acting Switches
15 Jul 20
LCA CK-COMPONENTS-LCA_V01 Datasheet
445Kb / 4P
Small Size Snap-acting Switches
12 Jul 21
LCS CK-COMPONENTS-LCS_V01 Datasheet
538Kb / 4P
Small Size Sealed Snap-acting Switches
31 May 21
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com