Electronic Components Datasheet Search
  English  ▼

X  

TF Datasheet(PDF) 6 Page - C&K Components

Part # TF
Description  Mid Size Snap-acting Switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

TF Datasheet(HTML) 6 Page - C&K Components

  TF Datasheet HTML 1Page - C&K Components TF Datasheet HTML 2Page - C&K Components TF Datasheet HTML 3Page - C&K Components TF Datasheet HTML 4Page - C&K Components TF Datasheet HTML 5Page - C&K Components TF Datasheet HTML 6Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
J
J–11
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ckswitches.com
TF Series
Mid Size Snap-acting Switches
TERMINATIONS
40  .187” QUICK CONNECT
5B  OFFSET .187” QUICK CONNECT
5A  OFFSET .250” QUICK CONNECT
4A  .250” QUICK CONNECT
CIRCUITRY
C SPDT (Single Pole, Double Throw)
W SPST N.C. (Single Pole, Single Throw, Normally Closed)
Y SPST N.O. (Single Pole, Single Throw, Normally Open)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com