Electronic Components Datasheet Search
  English  ▼

X  

MM19 Datasheet(PDF) 3 Page - Weitron Technology

Part # MM19
Description  Surface Mount Schottky Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MM19 Datasheet(HTML) 3 Page - Weitron Technology

  MM19 Datasheet HTML 1Page - Weitron Technology MM19 Datasheet HTML 2Page - Weitron Technology MM19 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MM17 thru MM106
WE IT R ON
WEITRON
http://www.weitron.com.tw
RATING AND CHARACTERISTICS CURVE
0
25
50
75
100
125
150
175
1.0
0.8
0.6
0.4
0.2
0
TERMINAL TEMPERATURE C
FIG 1, FORWARD CURRENT DERATING CURVE
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
0.1
0.2
0.4
1.0
2
4
10
20
40
100
200
100
10
0
REVERSE VOLTAGE (V)
FIG 4 , TYPICAL JUNCTION CAPACITANCE
1
2
4
6 8 10
20
40 60 80 100
10
8
6
4
2
0
NUMBER OF CYCLES AT 60Hz
FIG 5, MAXIMUM NON-REPETITIVE
SURGE CURRENT
Tj=75 C
8.3ms Single Half Sine-Wave
JDEC Method
PERCENT OF RATED PEAK REVERSE VOLTAGE
0
20
40
60
80
100
120
140
FIG 3, TYPICAL REVERSE CHARACTERISTICS
100
10
1.0
.10
.01
.001
TJ=125 C
TJ=75 C
TJ=25 C
INSTANTANEOUS FORWARD VOLTAGE VOLTS
.1
.3
.5
.7
.9
1.1
1.3
1.5
1.7
1.9
2.1
20
10
1.0
0.1
MM18
MM17
MM19
MM105 to MM106
FIG 2 , TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com