Electronic Components Datasheet Search
  English  ▼

X  

MMBD3004 Datasheet(PDF) 2 Page - Weitron Technology

Part # MMBD3004
Description  Surface Mount Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MMBD3004 Datasheet(HTML) 2 Page - Weitron Technology

  MMBD3004 Datasheet HTML 1Page - Weitron Technology MMBD3004 Datasheet HTML 2Page - Weitron Technology MMBD3004 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
WEITRON
WE IT R ON
Maximum Ratings (TA=25 C Unless otherwise noted)
Electrical Characteristics (TA=25 C Unless otherwise noted)
Characteristic
Symbol
Forward Voltage
Total Capacitance
(VR=0V, f=1.0MHz)
Reverse Leakage
V =240V, @T =25 C
IR
Ω
Cj
VF
Max
Unit
Volts
Volts
F
P
nAdc
uAdc
http://www.weitron.com.tw
MMBD3004/C/A/S
IF=100mA
1.0
-
-
-
-
-
5.0
100
100
50
Min
Reverse Recovery Time
IF R
R
A
V =240V, @T =150 C
R
A
= I =30mA
Irr =3.0mA*IR ,RL=100
trr
nS
MMBD3004/C/A/S
Non-Repetitive
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
Forward Continuous Current
Repetitive Peak Forward Current
Peak Forward Surge Current
@t=1.0us
@t=1.0s
Power Dissipation
Thermal Resistance Junction to
Ambient Air
Operating and Storage
Temperature Range
VRRM
VR
VRWM
IF
I
IFSM
FRM
Pd
θ
R JA
Tj ,TSTG
225
625
4.0
1.0
350
357
-65 to +150
Volts
Volts
mA
mA
A
mW
K/W
C
Characteristic
Symbol
Unit
350
300
Reverse Breakdown Voltage
IR=150uA
V(BR)R
350



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com