Electronic Components Datasheet Search
  English  ▼

X  

RM7965 Datasheet(PDF) 2 Page - PMC-Sierra, Inc

Part # RM7965
Description  64-bit Microprocessors with Integrated L2 Cache and EJTAG
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

RM7965 Datasheet(HTML) 2 Page - PMC-Sierra, Inc

  RM7965 Datasheet HTML 1Page - PMC-Sierra, Inc RM7965 Datasheet HTML 2Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RM7935/RM7965 64-bit Microprocessors with Integrated L2 Cache and EJTAG
Corporate Head Office:
PMC-Sierra, Inc.
Mission Towers One
3975 Freedom Circle
Santa Clara, CA, 95054, U.S.A.
Tel: 1.408.239.8000
Fax: 1.408. 492.1157
PMC-2030350 (R4) © Copyright PMC-Sierra, Inc. 2003–2006. All
rights reserved. For a complete list of PMC-Sierra’s trademarks , visit
www.pmc-sierra.com/legal/. Other product and company names
mentioned herein may be the trademarks of their respective owners.
For corporate information, send email to: info@pmc-sierra.com.
All product documentation is available on our web site at:
www.pmc-sierra.com.
Operations Head Office:
PMC-Sierra, Inc.
100-2700 Production Way
Burnaby, BC V5A 4X1 Canada
Tel: 1.604.415.6000
Fax: 1.604.415.6200
PACKAGING
•
RM7935 is available in a 128-pin enhanced exposed pad (eePad)
package (20 x 20 mm), pin-compatible with the RM5231A and
RM7035C exposed pad products.
•
RM7965 package options:
•
256-pin TBGA package, 27 x 27 mm, pin compatible with
RM7065A and RM7065C TBGA products.
•
216-pin enhanced exposed pad (eePad) package,
24 x 24 mm, pin compatible with the RM5261A and RM7965C
exposed pad products.
DEVELOPMENT TOOLS
OPERATING SYSTEMS
•
Linux
•
VxWorks
EJTAG EMULATORS
•
Wind River
•
Corelis
EVALUATION BOARDS
•
Momentum Computer
•
Marvell Semiconductor
COMPANION CHIPS
•
Marvell Semiconductor: (MV-64340, GT-64240)
APPLICATIONS
•
Voice Gateways
•
Multi-Service Access Platforms
•
DSLAMs/Access Concentrators
•
Remote Access Switches
•
Web Switches
•
Layer 3 Switches
•
Backbone Switches/Routers
•
RAIDs
•
Set Top Boxes
•
Networked Printers
•
Cellular Base Stations
TYPICAL APPLICATIONS
32-bit
Boot-Flash
Flash
Disk
Watchdog,
I2C & Control
Registers
Data
Buffer
ITE
IT-8172G
or
ASIC
SDRAM
32-Bit
100 MHz
32-Bit
100 MHz
RM7935
PCI-to-PCI
Bridge
GbE MAC
GbE MAC
PCI Bus
32-bit @ 33 MHz
32-bit
32-bit
32-bit
8-bit
Dual UART
64-bit
Boot-Flash
Flash
Disk
Watchdog,
I2C & Control
Registers
Data
Buffer
Marvell
MV-64340
or
ASIC
DDR
SDRAM
64-Bit
183 MHz
64-Bit
200 MHz
RM7965
PCI-to-PCI
Bridge
GbE MAC
GbE MAC
PCI-(X) Bus
2x32/64-bit @ 66 MHz
32-bit
32-bit
2x64-bit
8-bit
Dual UART



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com