Electronic Components Datasheet Search
  English  ▼

X  

MMBT4403 Datasheet(PDF) 3 Page - Weitron Technology

Part # MMBT4403
Description  Switching Transistor PNP Silicon
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MMBT4403 Datasheet(HTML) 3 Page - Weitron Technology

  MMBT4403 Datasheet HTML 1Page - Weitron Technology MMBT4403 Datasheet HTML 2Page - Weitron Technology MMBT4403 Datasheet HTML 3Page - Weitron Technology MMBT4403 Datasheet HTML 4Page - Weitron Technology MMBT4403 Datasheet HTML 5Page - Weitron Technology MMBT4403 Datasheet HTML 6Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Figure 3. Capacitances
REVERSE VOLTAGE (VOLTS)
7.0
10
20
30
5.0
Figure 4. Charge Data
IC, COLLECTOR CURRENT (mA)
0.1
2.0
5.0
10
20
2.0
30
2.0
3.0
5.0
7.0
10
1.0
10
20
50
70 100
200
0.1
300
500
0.7
0.5
VCC = 30 V
IC/IB = 10
Figure 5. Turn-On T ime
IC, COLLECTOR CURRENT (mA)
20
30
50
5.0
10
7.0
Figure 6. Rise Time
IC, COLLECTOR CURRENT (mA)
Ceb
QT
QA
25 C
105 C
TRANSIENTCHARACTERISTICS
3.0
1.0
0.5
0.3
0.2
0.3
0.2
30
Ccb
70
100
10
20
50
70 100
200
300
500
30
IC/IB= 10
tr @ VCC = 30 V
tr @ VCC = 10 V
td@ VBE(off)= 2 V
td@ VBE(off)= 0
20
30
50
5.0
10
7.0
70
100
10
20
50
70 100
200
300
500
30
VCC = 30 V
IC/IB = 10
0.7
7.0
F igure 1. Turn-On T ime
F igure 2. Turn-Off T ime
S W IT C HINGT IME E QUIVA L E NT T E S T C IR C UIT
S cope rise time < 4.0 ns
*Total shunt capacitance of test jig connectors, and oscilloscope
+2 V
- 16 V
10 to 100ms,
DUTY CYCLE = 2%
0
1.0 k
- 30 V
200 W
CS* < 10 pF
1.0 k
- 30 V
200
CS* < 10 pF
+ 4.0 V
< 2 ns
1.0 to 100m s,
DUTY CYCLE = 2%
< 20 ns
+14 V
0
-16 V
W
W
MMBT4403
WEITRON
http://www.weitron.com.tw
W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com