Electronic Components Datasheet Search
  English  ▼

X  

SMC430 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SMC430
Description  High Bright Blue color SMD LED on ceramics
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SMC430 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SMC430 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
epitex
Opto-Device & Custom LED
SMD TYPE LED SMC430
SMC430 High Bright Blue color SMD LED on ceramics
SMC430 consists of an GaN LED mounted on the ceramics package
and is sealed with silicone resin.
It emits a spectral band of radiation at 430nm.
Outer dimension (Unit: mm)
Specifications
Absolute Maximum Rating
Item
Symbol
Maximum Rated Value
Unit
Ambient Temperature
Power Dissipation
PD
125
mW
Ta=25°C
Forward Current
IF
30
mA
Ta=25°C
Reverse Voltage
VR
5
V
Ta=25°C
Operating Temperature
TOPR
-20 ~ +85
°C
Storage Temperature
TSTG
-30 ~ +100
°C
Soldering Temperature
TSOL
220
°C
‡
Pulse Forward Current condition: Duty=1% and Pulse Width=10us.
‡
Soldering condition: Soldering condition must be completed within 3 seconds at 220°C
Electro-Optical Characteristics
[Ta=25°C]
Item
Symbol
Condition
Minimum
Typical
Maximum
Unit
Forward Voltage
VF
IF=20mA
3.8
4.8
V
Reverse Current
IR
VR=5V
10
uA
Total Radiated Power
PO
IF=20mA
0.25
mW
Brightness
IV
IF=20mA
10
mcd
Radiant Intensity
IE
IF=20mA
0.1
mW/sr
Peak Wavelength
lP
IF=20mA
420
430
440
nm
Half Width
Dl
IF=20mA
50
nm
Viewing Half Angle
Q1/2
IF=20mA
±55
deg.
‡
Total Radiated Power is measured by Photodyne #500
‡
Radiant Intensity is measured by Tektronix J-6512.
EPITEX INC. : 4, Nishiaketa-Cho, Higashi-Kujyou, Minami-Ku, Kyoto, Japan
Tel.: ++81-75-682-2338 Fax: ++81-75-682-2267
e-mail: sales-dep@epitex.com
http://www.epitex.com
1) Product Name
SMD type Blue color LED
2) Type No.
SMC430
3) Chip
(1) Chip Material
GaN
(2) Peak Wavelength 430nm typ.
4) Package
(1) Package
Ceramics
(2) Lens
Silicone resin


Similar Part No. - SMC430

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
SMC43 SUNMATE-SMC43 Datasheet
1Mb / 5P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
logo
Sangdest Microelectroni...
SMC431 SMC-SMC431 Datasheet
380Kb / 11P
Fast Turn-On Response
SMC431FTA SMC-SMC431FTA Datasheet
380Kb / 11P
Fast Turn-On Response
logo
SUNMATE electronic Co.,...
SMC43A SUNMATE-SMC43A Datasheet
1Mb / 5P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
logo
Lite-On Technology Corp...
SMC43C LITEON-SMC43C Datasheet
50Kb / 4P
SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - SMC430

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KB520B KODENSHI-KB520B Datasheet
238Kb / 3P
high bright InGaN blue LED
KB521P KODENSHI-KB521P Datasheet
274Kb / 3P
high bright pink color LED
logo
Roithner LaserTechnik G...
SMC525 ROITHNER-SMC525 Datasheet
250Kb / 1P
high bright green color smd led on ceramics
SMC570 ROITHNER-SMC570 Datasheet
233Kb / 1P
high bright green color smd led on ceramics
SMC630 ROITHNER-SMC630 Datasheet
227Kb / 1P
high bright green color smd led on ceramics
SMC750 ROITHNER-SMC750 Datasheet
227Kb / 1P
high performance infrared smd led on ceramics
SMC830 ROITHNER-SMC830 Datasheet
187Kb / 1P
high performance infrared smd led on ceramics
SMC850 ROITHNER-SMC850 Datasheet
179Kb / 1P
high performance infrared smd led on ceramics
SMC940 ROITHNER-SMC940 Datasheet
249Kb / 1P
high performance infrared smd led on ceramics
SMC470 ROITHNER-SMC470 Datasheet
72Kb / 1P
SMD type Blue color LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com