Electronic Components Datasheet Search
  English  ▼

X  

LM2830X Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2830X
Description  High Frequency 1.0A Load - Step-Down DC-DC Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2830X Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM2830X Datasheet HTML 1Page - National Semiconductor (TI) LM2830X Datasheet HTML 2Page - National Semiconductor (TI) LM2830X Datasheet HTML 3Page - National Semiconductor (TI) LM2830X Datasheet HTML 4Page - National Semiconductor (TI) LM2830X Datasheet HTML 5Page - National Semiconductor (TI) LM2830X Datasheet HTML 6Page - National Semiconductor (TI) LM2830X Datasheet HTML 7Page - National Semiconductor (TI) LM2830X Datasheet HTML 8Page - National Semiconductor (TI) LM2830X Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Connection Diagrams
20197401
6-Pin LLP
20197403
5-Pin SOT-23
Ordering Information
Order Number
Frequency
Option
Package Type
NSC Package
Drawing
Top Mark
Supplied As
LM2830XMF
1.6MHz
SOT23-5
MF05A
SKTB
1000 units Tape and Reel
LM2830XMFX
3000 units Tape and Reel
LM2830ZMF
3MHz
SOT23-5
MF05A
SKXB
1000 units Tape and Reel
LM2830ZMFX
3000 units Tape and Reel
LM2830ZSD
LLP-6
SDE06A
L192B
1000 units Tape and Reel
LM2830ZSDX
4500 units Tape and Reel
NOPB versions available as well
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com