Electronic Components Datasheet Search
  English  ▼

X  

74F259 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74F259
Description  Latch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F259 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74F259 Datasheet HTML 2Page - NXP Semiconductors 74F259 Datasheet HTML 3Page - NXP Semiconductors 74F259 Datasheet HTML 4Page - NXP Semiconductors 74F259 Datasheet HTML 5Page - NXP Semiconductors 74F259 Datasheet HTML 6Page - NXP Semiconductors 74F259 Datasheet HTML 7Page - NXP Semiconductors 74F259 Datasheet HTML 8Page - NXP Semiconductors 74F259 Datasheet HTML 9Page - NXP Semiconductors 74F259 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Philips Semiconductors
Product specification
74F259
Latch
1989 Apr 11
6
AC ELECTRICAL CHARACTERISTICS
LIMITS
Tamb = +25°C
Tamb = 0°C to +70°C
SYMBOL
PARAMETER
TEST
VCC = +5V
VCC = +5V ± 10%
UNIT
CONDITION
CL = 50pF, RL = 500Ω
CL = 50pF, RL = 500Ω
MIN
TYP
MAX
MIN
MAX
tPLH
tPHL
Propagation delay
D to Qn
Waveform
NO TAG
4.0
3.0
7.0
5.0
9.0
7.0
4.0
2.5
10.0
7.5
ns
tPLH
tPHL
Propagation delay
E to Qn
Waveform
NO TAG
4.5
3.0
8.0
5.0
10.5
7.0
4.5
3.0
12.0
8.0
ns
tPLH
tPHL
Propagation delay
An to Qn
Waveform
NO TAG
5.0
4.0
10.0
8.5
14.0
9.5
5.0
4.0
14.5
10.0
ns
tPHL
Propagation delay
MR to Qn
Waveform
NO TAG
5.0
7.0
9.0
4.5
10.0
ns
AC SETUP REQUIREMENTS
LIMITS
Tamb = +25°C
Tamb = 0°C to +70°C
SYMBOL
PARAMETER
TEST
VCC = +5.0V
VCC = +5.0V ± 10%
UNIT
CONDITION
CL = 50pF, RL = 500Ω
CL= 50pF, RL = 500Ω
MIN
TYP
MAX
MIN
MAX
ts(H)
ts(L)
Setup time, High or Low
D to E
Waveform
NO TAG
3.0
6.5
3.0
7.0
ns
th(H)
th(L)
Hold time, High or Low
D to E
Waveform
NO TAG
0
0
0
0
ns
ts(H)
ts(L)
Setup time, High or Low
An to E1
Waveform
NO TAG
2.0
2.0
2.0
2.0
ns
th(H)
th(L)
Hold time, High or Low
An to E2
Waveform
NO TAG
0
0
0
0
ns
tw(L)
E Pulse width, Low
Waveform
NO TAG
7.5
8.0
ns
tw(L)
MR Pulse width, Low
Waveform
NO TAG
3.0
3.0
ns
NOTES:
1. The Address to Enable setup time is the time before the High-to-Low Enable transition that the Address must be stable so that the correct
latch is addressed and the other latches are not affected.
2. The Address to Enable hold time is the time before the Low-to-High Enable transition that the Address must be stable so that the correct
latch is addressed and the other latches are not affected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com