Electronic Components Datasheet Search
  English  ▼

X  

LM2831 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2831
Description  High Frequency 1.5A Load - Step-Down DC-DC Regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2831 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM2831 Datasheet HTML 7Page - National Semiconductor (TI) LM2831 Datasheet HTML 8Page - National Semiconductor (TI) LM2831 Datasheet HTML 9Page - National Semiconductor (TI) LM2831 Datasheet HTML 10Page - National Semiconductor (TI) LM2831 Datasheet HTML 11Page - National Semiconductor (TI) LM2831 Datasheet HTML 12Page - National Semiconductor (TI) LM2831 Datasheet HTML 13Page - National Semiconductor (TI) LM2831 Datasheet HTML 14Page - National Semiconductor (TI) LM2831 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
Applications Information
THEORY OF OPERATION
The LM2831 is a constant frequency PWM buck regulator IC
that delivers a 1.5A load current. The regulator has a preset
switching frequency of 550kHz, 1.6MHz, or 3.0MHz. This
high frequency allows the LM2831 to operate with small
surface mount capacitors and inductors, resulting in a
DC/DC converter that requires a minimum amount of board
space. The LM2831 is internally compensated, so it is simple
to use and requires few external components. The LM2831
uses current-mode control to regulate the output voltage.
The following operating description of the LM2831 will refer
to the Simplified Block Diagram (Figure 1) and to the wave-
forms in Figure 2. The LM2831 supplies a regulated output
voltage by switching the internal PMOS control switch at
constant frequency and variable duty cycle. A switching
cycle begins at the falling edge of the reset pulse generated
by the internal oscillator. When this pulse goes low, the
output control logic turns on the internal PMOS control
switch. During this on-time, the SW pin voltage (V
SW) swings
up to approximately V
IN, and the inductor current (IL) in-
creases with a linear slope. I
L is measured by the current
sense amplifier, which generates an output proportional to
the switch current. The sense signal is summed with the
regulator’s corrective ramp and compared to the error am-
plifier’s output, which is proportional to the difference be-
tween the feedback voltage and V
REF. When the PWM
comparator output goes high, the output switch turns off until
the next switching cycle begins. During the switch off-time,
inductor current discharges through the Schottky catch di-
ode, which forces the SW pin to swing below ground by the
forward voltage (V
D) of the Schottky catch diode. The regu-
lator loop adjusts the duty cycle (D) to maintain a constant
output voltage.
SOFT-START
This function forces V
OUT to increase at a controlled rate
during start up. During soft-start, the error amplifier’s refer-
ence voltage ramps from 0V to its nominal value of 0.6V in
approximately 600 µs. This forces the regulator output to
ramp up in a controlled fashion, which helps reduce inrush
current.
OUTPUT OVERVOLTAGE PROTECTION
The over-voltage comparator compares the FB pin voltage
to a voltage that is 15% higher than the internal reference
V
REF. Once the FB pin voltage goes 15% above the internal
reference, the internal PMOS control switch is turned off,
which allows the output voltage to decrease toward regula-
tion.
UNDERVOLTAGE LOCKOUT
Under-voltage lockout (UVLO) prevents the LM2831 from
operating until the input voltage exceeds 2.73V (typ). The
UVLO threshold has approximately 430 mV of hysteresis, so
the part will operate until V
IN drops below 2.3V (typ). Hys-
teresis prevents the part from turning off during power up if
V
IN is non-monotonic.
CURRENT LIMIT
The LM2831 uses cycle-by-cycle current limiting to protect
the output switch. During each switching cycle, a current limit
comparator detects if the output switch current exceeds 2.5A
(typ), and turns off the switch until the next switching cycle
begins.
THERMAL SHUTDOWN
Thermal shutdown limits total power dissipation by turning
off the output switch when the IC junction temperature ex-
ceeds 165˚C. After thermal shutdown occurs, the output
switch doesn’t turn on until the junction temperature drops to
approximately 150˚C.
Design Guide
INDUCTOR SELECTION
The Duty Cycle (D) can be approximated quickly using the
ratio of output voltage (V
O) to input voltage (VIN):
The catch diode (D1) forward voltage drop and the voltage
drop across the internal PMOS must be included to calculate
a more accurate duty cycle. Calculate D by using the follow-
ing formula:
V
SW can be approximated by:
V
SW =IOUT xRDSON
The diode forward drop (V
D) can range from 0.3V to 0.7V
depending on the quality of the diode. The lower the V
D, the
higher the operating efficiency of the converter. The inductor
value determines the output ripple current. Lower inductor
values decrease the size of the inductor, but increase the
output ripple current. An increase in the inductor value will
decrease the output ripple current.
One must ensure that the minimum current limit (1.8A) is not
exceeded, so the peak current in the inductor must be
calculated. The peak current (I
LPK) in the inductor is calcu-
lated by:
I
LPK =IOUT +
∆i
L
20174866
FIGURE 2. Typical Waveforms
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com