Electronic Components Datasheet Search
  English  ▼

X  

LM2831XMF Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2831XMF
Description  High Frequency 1.5A Load - Step-Down DC-DC Regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2831XMF Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2831XMF Datasheet HTML 1Page - National Semiconductor (TI) LM2831XMF Datasheet HTML 2Page - National Semiconductor (TI) LM2831XMF Datasheet HTML 3Page - National Semiconductor (TI) LM2831XMF Datasheet HTML 4Page - National Semiconductor (TI) LM2831XMF Datasheet HTML 5Page - National Semiconductor (TI) LM2831XMF Datasheet HTML 6Page - National Semiconductor (TI) LM2831XMF Datasheet HTML 7Page - National Semiconductor (TI) LM2831XMF Datasheet HTML 8Page - National Semiconductor (TI) LM2831XMF Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
LM2831
High Frequency 1.5A Load - Step-Down DC-DC
Regulator
General Description
The LM2831 regulator is a monolithic, high frequency, PWM
step-down DC/DC converter in a 5 pin SOT23 anda6Pin
LLP package. It provides all the active functions to provide
local DC/DC conversion with fast transient response and
accurate regulation in the smallest possible PCB area. With
a minimum of external components, the LM2831 is easy to
use. The ability to drive 1.5A loads with an internal 130 m
Ω
PMOS switch using state-of-the-art 0.5 µm BiCMOS technol-
ogy results in the best power density available. The world-
class control circuitry allows on-times as low as 30ns, thus
supporting exceptionally high frequency conversion over the
entire 3V to 5.5V input operating range down to the minimum
output voltage of 0.6V. Switching frequency is internally set
to 550 kHz, 1.6 MHz, or 3.0 MHz, allowing the use of
extremely small surface mount inductors and chip capaci-
tors. Even though the operating frequency is high, efficien-
cies up to 93% are easy to achieve. External shutdown is
included, featuring an ultra-low stand-by current of 30 nA.
The LM2831 utilizes current-mode control and internal com-
pensation to provide high-performance regulation over a
wide range of operating conditions. Additional features in-
clude internal soft-start circuitry to reduce inrush current,
pulse-by-pulse current limit, thermal shutdown, and output
over-voltage protection.
Features
n
Space Saving SOT23-5 Package
n
Input voltage range of 3.0V to 5.5V
n
Output voltage range of 0.6V to 4.5V
n
1.5A output current
n
High Switching Frequencies
1.6MHz (LM2831X)
0.55MHz (LM2831Y)
3.0MHz (LM2831Z)
n
130m
Ω PMOS switch
n
0.6V, 2% Internal Voltage Reference
n
Internal soft-start
n
Current mode, PWM operation
n
Thermal Shutdown
n
Over voltage protection
Applications
n
Local 5V to Vcore Step-Down Converters
n
Core Power in HDDs
n
Set-Top Boxes
n
USB Powered Devices
n
DSL Modems
Typical Application Circuit
20174864
20174881
August 2006
© 2006 National Semiconductor Corporation
DS201748
www.national.com


Similar Part No. - LM2831XMF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2831XMF/NOPB TI-LM2831XMF/NOPB Datasheet
1Mb / 38P
LM2831 High-Frequency 1.5-A Load ??Step-Down DC-DC Regulator
LM2831XMF/NOPB TI2-LM2831XMF/NOPB Datasheet
855Kb / 39P
LM2831 High-Frequency 1.5-A Load — Step-Down DC-DC Regulator
REVISED SEPTEMBER 2015
LM2831XMF/NOPB.A TI2-LM2831XMF/NOPB.A Datasheet
855Kb / 39P
LM2831 High-Frequency 1.5-A Load — Step-Down DC-DC Regulator
REVISED SEPTEMBER 2015
LM2831XMFX/NOPB TI-LM2831XMFX/NOPB Datasheet
1Mb / 38P
LM2831 High-Frequency 1.5-A Load ??Step-Down DC-DC Regulator
LM2831XMFX/NOPB TI2-LM2831XMFX/NOPB Datasheet
855Kb / 39P
LM2831 High-Frequency 1.5-A Load — Step-Down DC-DC Regulator
REVISED SEPTEMBER 2015
More results

Similar Description - LM2831XMF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2830 NSC-LM2830 Datasheet
860Kb / 24P
High Frequency 1.0A Load - Step-Down DC-DC Regulator
LM2832 NSC-LM2832 Datasheet
893Kb / 27P
High Frequency 2.0A Load - Step-Down DC-DC Regulator
LM2738 NSC-LM2738 Datasheet
605Kb / 28P
550kHz/1.6MHz 1.5A Step-Down DC-DC Switching Regulator
logo
Texas Instruments
LM2831 TI1-LM2831_14 Datasheet
1Mb / 34P
High Frequency 1.5A Load - Step-Down DC-DC Regulator
LM2832 TI1-LM2832_14 Datasheet
1Mb / 33P
High Frequency 2.0A Load - Step-Down DC-DC Regulator
LM2830 TI-LM2830_15 Datasheet
1Mb / 37P
LM2830/-Q1 High-Frequency 1.0-A Load Step-Down DC-DC Regulator
LM2831 TI-LM2831_15 Datasheet
1Mb / 38P
LM2831 High-Frequency 1.5-A Load ??Step-Down DC-DC Regulator
LM2738 TI1-LM2738_16 Datasheet
1Mb / 40P
1.5A Step-Down DC-DC Switching Regulator
LM2832 TI1-LM2832 Datasheet
1Mb / 34P
High Frequency 2.0A Load - Step-Down DC-DC Regulator
logo
Eutech Microelectronics...
EUP3291 EUTECH-EUP3291 Datasheet
736Kb / 1P
1.5A, 2.25MHz Synchronous Step-Down DC/DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com