Electronic Components Datasheet Search
  English  ▼

X  

SIM-83 Datasheet(PDF) 1 Page - Mini-Circuits

Part # SIM-83
Description  Frequency Mixer WIDE BAND
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

SIM-83 Datasheet(HTML) 1 Page - Mini-Circuits

  SIM-83 Datasheet HTML 1Page - Mini-Circuits SIM-83 Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers
NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits
®
Mini-Circuits ISO 9001 & ISO 14001 Certified
Level 7 (LO Power +7 dBm)
2300 to 8000 MHz
Frequency Mixer WIDE BAND
Ceramic Surface Mount
CASE STYLE: HV1195
PRICE: $7.95 ea. QTY (10-49)
Demo Board MCL P/N: TB-382
Suggested PCB Layout (PL-239)
Outline Dimensions (
)
inch
mm
Maximum Ratings
Pin Connections
LO
8
RF
4
IF
2
GROUND
1,3,5,6,7
Outline Drawing
Electrical Specifications
REV. OR
M105046
SIM-83
ED-12399/2
DJ/RS/CP
060531
Page 1 of 2
A
BC
D
E
F
G
.200
.180
.082
.025
.050
.028
.043
5.08
4.57
2.08
0.64
1.27
0.71
1.09
HJ
K
L
M
N
wt
.050
.030
.060
.238
0.144
.065 grams
1.27
0.76
1.52
6.05
3.66
1.65
0.08
Frequency
(MHz)
Conversion
Loss
(dB)
Isolation
L-R
(dB)
Isolation
L-I
(dB)
VSWR RF
Port
(:1)
VSWR LO
Port
(:1)
RF
LO
LO
+7dBm
LO
+7dBm
LO
+7dBm
LO
+7dBm
LO
+7dBm
Typical Performance Data
Electrical Schematic
SIM-83+
Features
• wide bandwidth, 2300 to 8000 MHz
• low conversion loss, 6.0 dB typ.
• excellent IF BW, DC to 3000 MHz
• LTCC double balanced mixer
• low profile, 0.08”
• protected by US patent 7,027,795
• useable as up and down converter
Applications
• satellite up and down converters
• defense radar and communications
• line of sight links
• ISM
• WIFI
• blue tooth
• VSAT
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power
50mW
FREQUENCY
(MHz)
CONVERSION
LOSS*
(dB)
LO-RF ISOLATION
(dB)
LO-IF ISOLATION
(dB)
IP3
at center
band
(dBm)
LO/RF
f
L-fU
IF
Typ.
σ
Max.
Typ.
Min.
Typ.
Min.
Typ.
2300-8000
DC-3000
2300-3200
6.0
0.1
7.8
35
27
23
15
12
3200-3700
5.8
0.1
7.0
31
26
24
18
13
3700-4200
5.9
0.2
7.4
32
26
28
19
15
4200-8000
6.0
0.2
8.9
23
17
18
7
10
1 dB COMPR. +1 dBm typ.
* Conversion loss at 30 MHz IF.
σ is a measure of repeatability from unit to unit.
Suggested Layout,
Tolerance to be within
±.002
PCB Land Pattern
+ RoHS compliant in accordance
with EU Directive (2002/95/EC)
The +Suffix has been added in order to identify RoHS
Compliance. See our web site for RoHS Compliance
methodologies and qualifications.
2300.00
2331.00
6.58
33.75
18.78
2.30
3.23
2500.00
2531.00
6.26
37.97
19.66
2.67
2.46
2700.00
2731.00
5.89
39.45
21.43
2.68
2.07
3000.00
3031.00
5.65
32.22
25.41
2.65
1.93
3300.00
3331.00
5.77
30.68
25.94
2.47
1.94
3600.00
3631.00
5.87
30.39
25.71
2.19
2.14
3900.00
3931.00
6.05
31.52
32.26
2.40
2.43
4200.00
4231.00
6.19
31.06
28.64
3.09
2.54
4500.00
4531.00
6.00
28.97
18.58
2.77
2.60
4800.00
4831.00
6.85
30.21
15.63
4.27
2.62
5100.00
5131.00
6.53
27.21
16.08
3.22
2.80
5400.00
5431.00
5.91
26.54
19.19
2.91
2.93
5700.00
5731.00
5.66
23.69
20.99
2.45
3.38
6000.00
6031.00
5.36
23.52
25.50
1.73
2.68
6500.00
6531.00
5.49
22.36
27.85
1.42
1.31
6900.00
6931.00
5.51
22.41
27.41
1.28
1.12
7300.00
7331.00
5.76
21.74
19.64
1.56
1.88
7600.00
7631.00
6.61
22.46
16.02
2.19
2.56
7800.00
7831.00
6.79
24.63
13.98
2.12
3.07
8000.00
8031.00
7.56
26.32
10.64
2.67
2.95
For extended temperature range, consult factory.


Similar Part No. - SIM-83

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SIM-83+ MINI-SIM-83+ Datasheet
273Kb / 1P
FREQUENCY MIXERS
SIM-83LH MINI-SIM-83LH Datasheet
427Kb / 2P
Frequency Mixer wide band
SIM-83LH+ MINI-SIM-83LH+ Datasheet
427Kb / 2P
Frequency Mixer wide band
SIM-83LH+ MINI-SIM-83LH+ Datasheet
273Kb / 1P
FREQUENCY MIXERS
More results

Similar Description - SIM-83

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
MCA1-80MH MINI-MCA1-80MH Datasheet
143Kb / 2P
Frequency Mixer WIDE BAND
MCA1-60MH MINI-MCA1-60MH Datasheet
176Kb / 2P
Frequency Mixer WIDE BAND
SIM-24MH MINI-SIM-24MH Datasheet
371Kb / 2P
Frequency Mixer wide band
SIM-43MH MINI-SIM-43MH Datasheet
348Kb / 2P
Frequency Mixer wide band
SIM-63LH MINI-SIM-63LH Datasheet
434Kb / 2P
Frequency Mixer wide band
SIM-153MH MINI-SIM-153MH Datasheet
389Kb / 2P
Frequency Mixer wide band
ZX05-14 MINI-ZX05-14 Datasheet
276Kb / 2P
Frequency Mixer wide band
ZX05-43 MINI-ZX05-43 Datasheet
298Kb / 2P
Frequency Mixer wide band
ZX05-14H MINI-ZX05-14H Datasheet
312Kb / 2P
Frequency Mixer wide band
ZX05-762H MINI-ZX05-762H Datasheet
300Kb / 2P
Frequency Mixer wide band
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com