Electronic Components Datasheet Search
  English  ▼

X  

74F27 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74F27
Description  Triple 3-input NOR gate
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F27 Datasheet(HTML) 4 Page - NXP Semiconductors

  74F27 Datasheet HTML 1Page - NXP Semiconductors 74F27 Datasheet HTML 2Page - NXP Semiconductors 74F27 Datasheet HTML 3Page - NXP Semiconductors 74F27 Datasheet HTML 4Page - NXP Semiconductors 74F27 Datasheet HTML 5Page - NXP Semiconductors 74F27 Datasheet HTML 6Page - NXP Semiconductors 74F27 Datasheet HTML 7Page - NXP Semiconductors 74F27 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Philips Semiconductors
Product specification
74F27
Triple 3-input NOR gate
February 5, 1991
4
DC ELECTRICAL CHARACTERISTICS
(Over recommended operating free-air temperature range unless otherwise noted.)
SYMBOL
PARAMETER
TEST CONDITIONS1
LIMITS
UNIT
MIN
TYP2
MAX
VOH
High-level output voltage
VCC = MIN, VIL = MAX
±10%VCC
2.5
V
VIH = MIN, IOH = MAX
±5%VCC
2.7
3.4
V
VOL
Low-level output voltage
VCC = MIN, VIL = MAX
±10%VCC
0.30
0.50
V
VIH = MIN, IOl = MAX
±5%VCC
0.30
0.50
V
VIK
Input clamp voltage
VCC = MIN, II = IIK
-0.73
-1.2
V
II
Input current at maximum input voltage
VCC = MAX, VI = 7.0V
100
µA
IIH
High–level input current
VCC = MAX, VI = 2.7V
20
µA
IIL
Low–level input current
VCC = MAX, VI = 0.5V
-0.6
mA
IOS
Short-circuit output current3
VCC = MAX
-60
-150
mA
ICC
Supply current (total)
ICCH
VCC = MAX
VIN = GND
4.0
5.5
mA
ICCL
VCC = MAX
VIN = 4.5V
8.5
12.0
mA
NOTES:
1
For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions for the applicable type.
2
All typical values are at VCC = 5V, Tamb = 25°C.
3
Not more than one output should be shorted at a time. For testing IOS, the use of high-speed test apparatus and/or sample-and-hold
techniques are preferable in order to minimize internal heating and more accurately reflect operational values. Otherwise, prolonged shorting
of a high output may raise the chip temperature well above normal and thereby cause invalid readings in other parameter tests. In any
sequence of parameter tests, IOS tests should be performed last.
AC ELECTRICAL CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
TEST
CONDITION
VCC = +5.0V
Tamb = +25°C
CL = 50pF, RL = 500Ω
VCC = +5.0V ± 10%
Tamb = 0°C to +70°C
CL = 50pF, RL = 500Ω
VCC = +5.0V ± 10%
Tamb = –40°C to +85°C
CL = 50pF, RL = 500Ω
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tPLH
tPHL
Propagation delay
Dna, Dnb, Dnc to Qn
Waveform 1
2.0
1.0
3.5
2.5
5.0
4.5
1.5
1.0
5.5
4.5
1.0
1.0
7.0
5.5
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com