Electronic Components Datasheet Search
  English  ▼

X  

SSL40C-7618 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # SSL40C-7618
Description  40W External AC/DC Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

SSL40C-7618 Datasheet(HTML) 1 Page - Artesyn Technologies

  SSL40C-7618 Datasheet HTML 1Page - Artesyn Technologies SSL40C-7618 Datasheet HTML 2Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EXTERNAL AC/DC POWER SUPPLIES
40W External AC/DC Power Supplies
1
2 YEAR WARRANTY
SSL40C Series
Single Output External P o wer Supply
• 4.65 x 2.40 x 1.08 inch enclosure
• 40W continuous external power supply
• Molded UL94V-0 plastic enclosure
• Overvoltage and short circuit protection
• EN55022, FCC conducted and radiated emissions level B
• UL, CSA, VDE and CE safety approvals
The SSL40C series is a 40W universal input AC/DC external Class II power supply in a
4.65 x 2.40 x 1.08 inch plastic enclosure. The SSL40C represents the next generation of
low cost external power supplies, suitable for a host of worldwide low power external
power applications. The SSL40C provides up to 40W under natural convection cooling.
Standard features include universal AC input, overvoltage and short circuit protection
and meets EN55022 level B for conducted emissions. The SSL40C has several output
voltages available ranging from 12V to 48V. The series has full international safety
approvals and carries the CE mark to provide pre-approved SELV outputs.
All specifications are typical at nominal input, full load at 25°C unless otherwise stated
GENERAL SPECIFICATIONS
Hold-up time
115VAC @ full load
10ms
Efficiency
115VAC @ full load
80% typ.
Isolation voltage
Input/output
3000VAC
Switching frequency
Fixed
72kHz, typ.
Approvals and
EN60950, IEC950, UL1950
standards (See Note 4)
CSA C22.2 No. 950
Case material
General Electric Lexan, black
Flammability rating
UL94V-0
Weight
200g (7oz)
MTBF
MIL-HDBK-217F
>150,000 hours
@ 25°C
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating, full load
0°C to +40°C
Non-operating
–10°C to +85°C
0°C to +40°C ambient,
Full load
convection cooled
Relative humidity
5% to 95% RH
Altitude
Operating
10,000 feet max.
Non-operating
30,000 feet max.
Vibration (See Note 6)
5Hz to 500Hz
2.4G (approx.)
Shock
per MIL-STD-810E
516.4 Part IV
OUTPUT SPECIFICATIONS
Total regulation
Main output
±5.0%
Line, load and
temperature coefficient
Overshoot/undershoot
Less than 10ms
10%
Transient response
Main output,
±5.0% of nominal
70% to 100%
voltage
full load step
Overvoltage protection
Auto-recovery
140% nominal
(See Note 5)
Short circuit protection
Continuous
with auto-recovery
Minimum output current
0A
INPUT SPECIFICATIONS
Input voltage range
Universal input
90 to 264VAC
Input frequency range
47Hz to 63Hz
Input current
90VAC
1.0Arms max.
264VAC
0.6Arms max.
EMC CHARACTERISTICS
Radiated emissions
EN55022, FCC
Level B
Conducted emissions
EN55022, FCC
Level B
SPECIFICATIONS
International Safety Standard Approvals
VDE0805/EN60950/IEC950 File No. 133084G
UL1950 File No. E136005
CSA C22.2 No. 950 File No. LR41062
geprüfte
Sicherhelt
File Name: SSL40C.PDF Rev: 03 May 2002


Similar Part No. - SSL40C-7618

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
SSL40C-7618J EMERSON-NETWORKPOWER-SSL40C-7618J Datasheet
89Kb / 2P
EXTERNAL AC/DC POWER SUPPLIES 40 W External AC/DC Power Supplies
More results

Similar Description - SSL40C-7618

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SSL20C ARTESYN-SSL20C Datasheet
186Kb / 2P
20W External AC/DC Power Supplies
SSL20 ARTESYN-SSL20 Datasheet
79Kb / 2P
EXTERNAL AC/DC POWER SUPPLIES 15-20 W External AC/DC Power Supplies
SSL40 ARTESYN-SSL40 Datasheet
75Kb / 2P
EXTERNAL AC/DC POWER SUPPLIES 40 W External AC/DC Power Supplies
logo
Emerson Network Power
SSL20C EMERSON-NETWORKPOWER-SSL20C Datasheet
89Kb / 2P
EXTERNAL AC/DC POWER SUPPLIES 20 W External AC/DC Power Supplies
SSL40C EMERSON-NETWORKPOWER-SSL40C Datasheet
89Kb / 2P
EXTERNAL AC/DC POWER SUPPLIES 40 W External AC/DC Power Supplies
logo
MicroPower Direct, LLC
MPE-40S MPD-MPE-40S Datasheet
225Kb / 2P
Single Output, 40W Compact, Enclosed AC/DC Power Supplies
logo
TDK Electronics
DTM65-C TDK-DTM65-C Datasheet
244Kb / 2P
40W to 65W Medical AC-DC External Power Supplies
KMS15 TDK-KMS15 Datasheet
688Kb / 2P
15-40W Medical AC-DC PCB-Mount Power Supplies
DTM65-C8 TDK-DTM65-C8 Datasheet
600Kb / 2P
40W to 65W Medical Class II AC-DC External Power Supplies
KM TDK-KM Datasheet
523Kb / 2P
15-40W Medical AC-DC PCB-Mount Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com