Electronic Components Datasheet Search
  English  ▼

X  

SIL06C Datasheet(PDF) 1 Page - Artesyn Technologies

Part # SIL06C
Description  DC/DC CONVERTERS C Class Non-isolated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

SIL06C Datasheet(HTML) 1 Page - Artesyn Technologies

  SIL06C Datasheet HTML 1Page - Artesyn Technologies SIL06C Datasheet HTML 2Page - Artesyn Technologies SIL06C Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DC/DC CONVERTERS
C Class Non-isolated
1
2 YEAR WARRANTY
SIL06C Series
5Vin and 12Vin single output
6A current rating
Input voltage range: 4.5V - 5.5V or 10.2V - 13.8V
Output voltage range: 0.9V - 5.0V
Industry leading value
Cost optimised design
Excellent transient response
Output Voltage adjustability
Pathway for future upgrades
Supports silicon voltage migration
Resulting in reduced design-in and qualification time
Designed in reliability: MTBF of >7 million hrs
per Telcordia SR-332
The SIL06C series is a new high density open frame non-isolated converter for space
sensitive applications. Each model has a wide input range (4.5 - 5.5VDC or 10.2 -
13.8VDC) and offer a wide 0.9 - 5V output voltage range with a 6A load. An external
resistor adjusts the output voltage from its pre-set value of 0.9V to any value up to the 5V
maximum. Typical efficiencies for the models are 89% for the 5V input version and 91%
for the 12V input version. The SIL06C series offers remote ON/OFF and over-current
protection as standard. With full international safety approval including EN60950 and
UL/cUL60950, the SIL06C reduces compliance costs and time to market.
NEW Product
All specifications are typical at nominal input, full load at 25°C unless otherwise stated
SPECIFICATIONS
OUTPUT SPECIFICATIONS
Voltage adjustability
5V input models
0.9V to 3.3V
(See Note 7)
12V input models
0.9V to 5.0V
Output setpoint accuracy With 1.0% trim resistors
±2.5%
Line regulation
Low line to high line
±0.2% max.
Load regulation
Full load to min. load
±0.5% max.
Min./max. load
0A/6A
Overshoot
5V input models
3.0% max.
(at turn on)
12V input models
1.0% max.
Undershoot
100mV max.
Ripple and noise
5Hz to 20MHz (See Note 2)
See table
Transient response
Deviation
75mV
(See Note 1)
150µs recovery to
within regulation band
INPUT SPECIFICATIONS
Input voltage range
5V input model
4.5 to 5.5VDC
12V input model
10.2 to 13.8VDC
Input current
No load
50mA
Remote OFF
5mA
Input current (max.)
5V input model
5.1A @ Io max.
(See Note 9)
12V input model
1.6A @ Io max.
Input reflected ripple
5V input model
52mA (pk-pk)
(See Note 2)
12V input model
56mA (pk-pk)
Remote ON/OFF
Logic compatibility
Active high
ON
>2.4VDC
OFF
<0.8VDC
Start-up time
Power up
<20ms
(See Note 3)
Remote ON/OFF
<20ms
File Name: SIL06C.PDF Rev: 04 Mar 2003
International Safety Standard Approvals
UL/cUL CAN/CSA 22.2 No. E139421
UL60950 file No. E139421
TÜV
TÜV Product Service (EN60950) Certificate No. B0211 19870 205
CB report and certificate to IEC60950
INPUT SPECIFICATIONS (CONTD.)
Turn ON threshold
5Vin
4.5VDC
12Vin
9.0VDC
Turn OFF threshold
5Vin
4.3VDC
12Vin
7.5VDC
GENERAL SPECIFICATIONS
Efficiency
See Table
Switching frequency
Fixed
200kHz
Approvals and
(See Note 4)
TÜV Product Services
standards (pending)
IEC60950, UL/cUL60950
Material flammability
UL94V-0
Weight
9.3 (0.3oz)
MTBF
Telcordia SR-332
7,562,142 hours
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating ambient,
0ºC to +80ºC
(See Note 8)
temperature
Non-operating
-40ºC to +125ºC
PROTECTION
Short-circuit protection
Hiccup, non-latching
RECOMMENDED SYSTEM CAPACITANCE
Input capacitance
(See Note 11)
270µF/20mΩ esr max.
Output capacitance
(See Note 11)
680µF/10mΩ esr max.


Similar Part No. - SIL06C

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
SIL06C EMERSON-NETWORKPOWER-SIL06C Datasheet
195Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
logo
Artesyn Technologies
SIL06C-00SADJ-HJ ARTESYN-SIL06C-00SADJ-HJ Datasheet
793Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
SIL06C-00SADJ-VJ ARTESYN-SIL06C-00SADJ-VJ Datasheet
793Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
SIL06C-05SADJ-HJ ARTESYN-SIL06C-05SADJ-HJ Datasheet
524Kb / 3P
C-Class Non-Isolated POWER
logo
Emerson Network Power
SIL06C-05SADJ-VJ EMERSON-NETWORKPOWER-SIL06C-05SADJ-VJ Datasheet
195Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
More results

Similar Description - SIL06C

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL20C2 ARTESYN-SIL20C2 Datasheet
793Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
SMT15C ARTESYN-SMT15C Datasheet
182Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SMT20C ARTESYN-SMT20C Datasheet
188Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SMT30C ARTESYN-SMT30C Datasheet
184Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
logo
Emerson Network Power
SIL06C EMERSON-NETWORKPOWER-SIL06C Datasheet
195Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SIL15C EMERSON-NETWORKPOWER-SIL15C Datasheet
204Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SIL20C2 EMERSON-NETWORKPOWER-SIL20C2 Datasheet
793Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
SIL30C EMERSON-NETWORKPOWER-SIL30C Datasheet
216Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SMT20C2 EMERSON-NETWORKPOWER-SMT20C2 Datasheet
278Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
SMT30C EMERSON-NETWORKPOWER-SMT30C Datasheet
184Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com