Electronic Components Datasheet Search
  English  ▼

X  

296 Datasheet(PDF) 2 Page - CTS Corporation

Part # 296
Description  Commercial 12mm Diameter Composition Variable Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

296 Datasheet(HTML) 2 Page - CTS Corporation

  296 Datasheet HTML 1Page - CTS Corporation 296 Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RESIST TOL
A – ±10%
B – ±20%
C – ±30%
TERMINAL STYLE
X –PC
U – PC FORMED
TO REAR
H – HOOK
SHAFTS AVAILABLE
(ALL SHAFTS .236" [6MM] DIAMETER/EXCEPT E - DIAMETER IS .240" [6.1MM])
LENGTH BEYOND
INCH
MM
COVER
TRIM
COVER
TRIM
A –
.640"
FLATTED .472" X .177"
A – 16.3MM
FLATTED 12X4.5MM
B –
.840"
FLATTED .472" X .177"
B – 21.3MM
FLATTED 12X4.5MM
C – 1.031"
FLATTED .472" X .177"
C – 26.2MM
FLATTED 12X4.5MM
D –
.540"
KNURLED .287" X .236"
D – 13.7MM
KNURLED 7.3MMX18T
E –
265”
FLATTED .218” x .204”
E –
6.7MM
FLATTED 5.5 x 5.2MM
Order From:
CTS CORPORATION, ELECTROCOMPONENTS / 1601 Mishawaka Street / Elkhart, Indiana 46514
North America Toll Free (888) 287-4690 / (219) 296-6700 / FAX: (219) 293-1240
http://www.ctscorp.com
CTS COMPONENTS TAIWAN, LTD. / 7, Central 6th Road (Chung Liu Road) / P.O. Box 26-20
Kaohsiung Export Processing Zone / Kaohsiung, Taiwan, Rep. of China
(07) 8216145 / FAX: (07) 8417642.8110040
2.5M-6-99
I
Ordering Information
XM 296RE
Molded Shaft, Control Shaft Parallel to P.C. Board
UM 296RE
Molded Shaft, Control Shaft Vertical to P.C. Board
296
X
B
252
B
2
N
DIMENSION:
MM
INCH
DIMENSION:
MM
INCH
TAPER
1 – LINEAR
2 – 10% AUD
3 – 10% CCW AUD
DETENT
N – NO DETENT
C – CENTER DETENT
RESISTANCE CODE
EXAMPLES
CODE
RESISTANCE
501
500 OHMS
102
1K
252
2.5K
502
5K
103
10K
253
25K
503
50K
104
100K
H Terminal Type
X Terminal Type



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com