Electronic Components Datasheet Search
  English  ▼

X  

406 Datasheet(PDF) 3 Page - CTS Corporation

Part # 406
Description  3.5 x 6.0 mm Ceramic - SM Crystal
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

406 Datasheet(HTML) 3 Page - CTS Corporation

  406 Datasheet HTML 1Page - CTS Corporation 406 Datasheet HTML 2Page - CTS Corporation 406 Datasheet HTML 3Page - CTS Corporation 406 Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Model 406
3.5 x 6.0 mm
Ceramic - SM Crystal
♦ ♦ ♦ CTS Communications Components, Inc. ♦ 171 Covington Drive ♦ Bloomingdale, IL 60108 ♦ 630-924-3500 ♦ ♦ ♦
Document No. 008-0260-0
Page 3 of 4
Revision B
Date: Nov. 21, 2003
Dimensions in Inches [MM]
Suggested Pad Geometry
0.055 [ 1.40 ]
0.075 [ 1.90 ]
0.094 [ 2.40 ]
0.173 [ 4.40 ]
MECHANICAL SPECIFICATIONS: 4 Pad Terminations plated with 0.3 to 1.0 µm gold (Au).
PRODUCT MARKING:
YWW = Date Code (last digit of year & week number)
xxMxx = Frequency shall be marked with 2 significant digits to the right of the “M”.
(Customer specified codes maximum 6 characters can be marked instead of frequency)
QUALITY AND RELIABILITY:
• Quality Systems meet or exceed the requirements of ISO 9000: 2000 standards.
• Reliability Audits are performed on this or similar products with results available upon request.
Inch
( MM )
Key:
0.138 ±0.008
( 3.50 ±0.20 )
0.047
0.236 ±0.008
( 6.00 ±0.20 )
( 1.20 )
( 3.0 )
0.118
0.059
( 1.5 )
0.059
( 1.50 )
0.039
( 1.0 )
Top View
Bottom View
Max
4
1
3
2
3
2
4
1
CTS YWW
• xxMxx



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com