Electronic Components Datasheet Search
  English  ▼

X  

74F273AD Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74F273AD
Description  Octal D flip-flop
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F273AD Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74F273AD Datasheet HTML 2Page - NXP Semiconductors 74F273AD Datasheet HTML 3Page - NXP Semiconductors 74F273AD Datasheet HTML 4Page - NXP Semiconductors 74F273AD Datasheet HTML 5Page - NXP Semiconductors 74F273AD Datasheet HTML 6Page - NXP Semiconductors 74F273AD Datasheet HTML 7Page - NXP Semiconductors 74F273AD Datasheet HTML 8Page - NXP Semiconductors 74F273AD Datasheet HTML 9Page - NXP Semiconductors 74F273AD Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Philips Semiconductors
Product specification
74F273A
Octal D flip–flop
1996 Mar 12
6
AC SETUP REQUIREMENTS FOR ’F273A
LIMITS
SYMBOL
PARAMETER
WAVEFORM
Tamb = +25°C
VCC = +5.0V
CL = 50pF
RL = 500Ω
Tamb = 0°C to +70°C
VCC = +5.0V ±10%
CL = 50pF
RL = 500Ω
UNIT
Min
Typ
Max
Min
Max
ts(H)
ts(L)
Setup time, High or Low
Dn to CP
3
3.0
2.0
2.5
2.5
th(H)
th(L)
Hold time, High or Low
Dn to CP
3
0.5
0.0
2.5
1.0
ns
tw(H)
tw(L)
Clock pulse width
High or Low
1
4.5
3.5
5.0
4.0
ns
tw(L)
Master Reset pulse width, Low
2
3.0
3.5
ns
tREC
Recovery time
MR to CP
2
4.0
5.0
ns
AC WAVEFORMS
CP
VM
VM
VM
tw(H)
1/fmax
VM
VM
tPLH
tw(L)
tPHL
Qn
SF00294
Waveform 1. Propagation Delay, Clock Input to Output, Clock
Pulse Width, and Maximum Clock Frequency
VM
SF00158
MR
Qn
VM
tw(L)
tPHL
VM
tREC
CP
VM
Waveform 2. Master Reset Pulse Width, Master Reset to Output
Delay and Master Reset to Clock Recovery Time
th(H)
ts(H)
CP
SF00191
VM
VM
VM
VM
VM
VM
th(L)
ts(L)
Dn
Waveform 3. Data Setup and Hold Times
NOTE: For all waveforms, VM = 1.5V.
The shaded areas indicate when the input is permitted to change for predictable output
performance.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com