Electronic Components Datasheet Search
  English  ▼

X  

AND8130/D Datasheet(PDF) 1 Page - ON Semiconductor

Part # AND8130/D
Description  Analog Switch Allows USB Switching at Low Voltages
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AND8130/D Datasheet(HTML) 1 Page - ON Semiconductor

  AND8130/D Datasheet HTML 1Page - ON Semiconductor AND8130/D Datasheet HTML 2Page - ON Semiconductor AND8130/D Datasheet HTML 3Page - ON Semiconductor AND8130/D Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2003
August, 2003 − Rev. 0
1
Publication Order Number:
AND8130/D
AND8130/D
Analog Switch Allows USB
Switching at Low Voltages
Prepared by: Fred Zlotnick
ON Semiconductor
EXECUTIVE SUMMARY
The new NLAS2066 is a dual SPST (Single Pole Single
Throw) switch with over−voltage tolerance (OVT) in it’s
input pins. The OVT feature permits the device to be used
for the purpose of sharing of pins in size constrained
applications. Shared pins permit the designer to have a
smaller connector, saving cost on both male and female
portions.
INTRODUCTION
Our modern world is filled with many new devices that
permit the user to communicate, take photos and short
videos, and listen to music and a whole host of features not
yet on the market. The USB port of a modern computer is the
most convenient, easiest to use, high performance
connection point the consumer can deal with. Although
there are other useful ports, the USB port offers simple
hookup, up to 2.5 watts of power, and speeds from 100
Kbits/sec to 400 Mbits/sec.
A USB port has 4 wires, 2 for bidirectional data, and two
for power. A USB port can supply as much as 500 mA at 5.0
V. Many devices simply plug into the USB port with no need
for an external power supply. Most users are already familiar
with USB peripherals such as printers, pointing devices,
keyboard, and digital still camera. Most peripherals just
“plug and play”. Modern P.C.s take care of the interface with
minimal effort, only requiring the installation of software
drivers. In addition, the number of USB ports can be
increased by adding a hub. USB simply works very well and
is the simplest, most convenient port a consumer can deal
with.
USB 1.1/2.0
USB 2.0 adds a High Speed specification to the original
USB v. 1.1 specification. There are three speeds for USB v.
2.0. The three speed ranges are:
Low Speed:
10−100 Kbits/sec
Full Speed
500K−10 Mbits/sec
High Speed
25−400 Mbits/sec
All USB devices are backward and forward compatible
with both the older 1.1 and 2.0 revisions. If the user had a
device that he recently purchased that is rated as High Speed,
he can still use it with an older PC that only supports the Full
Speed mode.
With its ease of use, and inclusion on nearly all Windows,
Mac and Linux systems built since 1998, it is the ideal
interface for an enhanced feature cell phone. A phone with
a 64 MB card can be updated in a few minutes, even in the
Full Speed mode. Photos, music, address books can all be
updated in just a few seconds. When attempting to add USB
to a device like a cell phone the designer has several issues.
Adding an additional connector adds cost and takes up
space. Adding 4 more pins to the existing connector adds
cost to both the female portion in the phone and all the
various male connectors that need to be supplied, in the form
of “dongles”. One way to simplify the whole system is to
multiplex some of the pins.
MULTIPLEXING PINS
This article will only concern itself with the multiplexing
of the data pins. The power pins provide capability to
re−charge the phone, without need for a wall mounted power
supply. With the close proximity of the wires and the
possibility of a potential fault from the power line to the data
line, specification assumes the data lines can handle a
voltage up to 5.25 V at the data line1 for up to 24 hours. The
data is sent differentially as NRZI at a maximum of 10
MBits/sec. The cell phone manufacturer must supply
interface
cables.
The
standard
USB
Type
B,
at
approximately 11 x 11 mm, connector probably is too large
for a cell phone. Normally a dongle2 is provided with a
non−standard plug on the one side and a standard USB type
“A” plug on the other. Depending upon the features of the
cell phone, the socket may provide audio, video, RS−232, or
other interfaces.
1. Universal Serial Bus Specification, Revision 2.0 April 26,
2000.
2. A flexible cable with appropriate connectors on both ends.
APPLICATION NOTE
http://onsemi.com


Similar Part No. - AND8130/D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AND8139 ONSEMI-AND8139 Datasheet
31Kb / 2P
Ultra-Low Voltage MiniGate Devices Solve 1.2 V Interface Problems
December, 2003 ??Rev. 0
AND8139D ONSEMI-AND8139D Datasheet
31Kb / 2P
Ultra-Low Voltage MiniGate Devices Solve 1.2 V Interface Problems
December, 2003 ??Rev. 0
More results

Similar Description - AND8130/D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3L1G66 PHILIPS-NX3L1G66 Datasheet
114Kb / 16P
Low-voltage analog switch
Rev. 01-3 January 2008
NX3V1G66 NXP-NX3V1G66 Datasheet
122Kb / 17P
Low-voltage analog switch
Rev. 02-28 July 2008
logo
Honeywell Accelerometer...
AWM5101VN HONEYWELL-ACC-AWM5101VN Datasheet
129Kb / 1P
CNNOT GUARANTEE CALIBRATION AT SUPPLY VOLTAGES OTHER
logo
ON Semiconductor
FSA4476 ONSEMI-FSA4476 Datasheet
643Kb / 15P
USB Type-C analog audio switch
May 2017 Rev. 1.3 .2
logo
Omron Electronics LLC
C4V OMRON-C4V Datasheet
158Kb / 4P
Miniature Power Switch allows 8A Loads Switching
logo
ON Semiconductor
FSA4480 ONSEMI-FSA4480 Datasheet
257Kb / 29P
USB Type-C Analog Audio Switch
April, 2018 ??Rev. 1
logo
Will Semiconductor Ltd.
WAS7222Q WILLSEMI-WAS7222Q Datasheet
682Kb / 9P
USB High speed (480Mbps), DPDT Analog Switch
WAS7227Q WILLSEMI-WAS7227Q Datasheet
688Kb / 9P
USB High speed (480Mbps), DPDT Analog Switch
logo
Maxim Integrated Produc...
MAX77863EVKIT MAXIM-MAX77863EVKIT Datasheet
1Mb / 12P
USB-to-I2C Converter Allows for Easy Communication
319-100450; Rev 1; 6/20
MAX14550E MAXIM-MAX14550E Datasheet
1Mb / 17P
USB Host Charger Identification Analog Switch
19-4745; Rev 2; 1/10
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com