Electronic Components Datasheet Search
  English  ▼

X  

74F2953 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74F2953
Description  Registered transceiver, non-inverting 3-State
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F2953 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74F2953 Datasheet HTML 2Page - NXP Semiconductors 74F2953 Datasheet HTML 3Page - NXP Semiconductors 74F2953 Datasheet HTML 4Page - NXP Semiconductors 74F2953 Datasheet HTML 5Page - NXP Semiconductors 74F2953 Datasheet HTML 6Page - NXP Semiconductors 74F2953 Datasheet HTML 7Page - NXP Semiconductors 74F2953 Datasheet HTML 8Page - NXP Semiconductors 74F2953 Datasheet HTML 9Page - NXP Semiconductors 74F2953 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Philips Semiconductors
Product specification
74F2952, 74F2953
Transceivers
1989 Sep 22
6
FUNCTION TABLE for Register An or Bn
INPUTS
INTERNAL
OPERATING
An or Bn
CPXX
CEXX
Q
MODE
X
X
H
NC
Hold data
L
↑
L
L
Load data
H
↑
L
H
Load data
H = High voltage level
L
= Low voltage level
↑ = Low-to-High transition
X = Don’t Care
XX = AB or BA
NC= No Change
FUNCTION TABLE for Output Enable
INPUTS
INTERNAL
An or Bn OUTPUTS
OPERATING
OEXX
Q
74F2952
74F2953
MODE
H
X
Z
Z
Disable outputs
L
L
L
H
Enable outputs
L
H
H
L
Enable outputs
H = High voltage level
L
= Low voltage level
X = Don’t Care
XX = AB or BA
Z = High impedance “off” state
ABSOLUTE MAXIMUM RATINGS
(Operation beyond the limits set forth in this table may impair the useful life of the device.
Unless otherwise noted these limits are over the operating free-air temperature range.)
SYMBOL
PARAMETER
RATING
UNIT
VCC
Supply voltage
–0.5 to +7.0
V
VIN
Input voltage
–0.5 to +7.0
V
IIN
Input current
–30 to +5
mA
VOUT
Voltage applied to output in High output state
–0.5 to +5.5
V
I
Current applied to output in Low output state
A0 – A7
48
mA
IOUT
Current applied to output in Low output state
B0 – B7
128
mA
Tamb
Operating free-air temperature range
0 to +70
°C
Tstg
Storage temperature range
–65 to +150
°C
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
LIMITS
UNIT
SYMBOL
PARAMETER
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5.0
5.5
V
VIH
High-level input voltage
2.0
V
VIL
Low-level input voltage
0.8
V
IIK
Input clamp current
–18
mA
IO
High level output current
A0 – A7
–3
mA
IOH
High-level output current
B0 – B7
–15
mA
I
Low level output current
A0 – A7
24
mA
IOL
Low-level output current
B0 – B7
64
mA
Tamb
Operating free-air temperature range
0
+70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com