Electronic Components Datasheet Search
  English  ▼

X  

MM54HC595J Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM54HC595J
Description  8-Bit Shift Registers with Output Latches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54HC595J Datasheet(HTML) 4 Page - National Semiconductor (TI)

  MM54HC595J Datasheet HTML 1Page - National Semiconductor (TI) MM54HC595J Datasheet HTML 2Page - National Semiconductor (TI) MM54HC595J Datasheet HTML 3Page - National Semiconductor (TI) MM54HC595J Datasheet HTML 4Page - National Semiconductor (TI) MM54HC595J Datasheet HTML 5Page - National Semiconductor (TI) MM54HC595J Datasheet HTML 6Page - National Semiconductor (TI) MM54HC595J Datasheet HTML 7Page - National Semiconductor (TI) MM54HC595J Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AC Electrical Characteristics
VCCe20–60V CLe50 pF tretfe6 ns (unless otherwise specified) (Continued)
TAe25 C
74HC
54HC
Symbol
Parameter
Conditions
VCC
TAeb40 to 85 CTAeb55 to 125 C
Units
Typ
Guaranteed Limits
tPHL tPLH
Maximum Propagation
V
ns
Delay from SCLR to Q H
V
ns
V
ns
tPZH tPZL
Maximum Output Enable
RLe kX
from G to QA thru QH
CLe
pF
V
ns
CLe
pF
V
ns
CLe
pF
V
ns
CLe
pF
V
ns
CLe
pF
V
ns
CLe
pF
V
ns
tPHZ tPLZ
Maximum Output Disable
RLe kX
V
ns
Time from G to QA thru QH
CLe
pF
V
ns
V
ns
tS
Minimum Setup Time
V
ns
from SER to SCK
V
ns
V
ns
tR
Minimum Removal Time
V
ns
from SCLR to SCK
V
ns
V
ns
tS
Minimum Setup Time
V
ns
from SCK to RCK
V
ns
V
ns
tH
Minimum Hold Time
V
ns
SER to SCK
V
ns
V
ns
tW
Minimum Pulse Width
V
ns
of SCK or SCLR
V
ns
V
ns
tr tf
Maximum Input Rise and
V
ns
Fall Time Clock
V
ns
V
ns
tTHL tTLH
Maximum Output
V
ns
Rise and Fall Time
V
ns
QA QH
V
ns
tTHL tTLH
Maximum Output
V
ns
Rise
Fall Time
V
ns
Q H
V
ns
CPD
Power Dissipation
GeVCC
pF
Capacitance Outputs
GeGND
pF
Enabled Note
CIN
Maximum Input
pF
Capacitance
COUT
Maximum Output
pF
Capacitance
Note 6
CPD determines the no load dynamic power consumption PDeCPD VCC2 faICC VCC and the no load dynamic current consumption ISeCPD VCC faICC
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com